Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B250C800DM Datasheet(PDF) 2 Page - Vishay Siliconix

Part # B250C800DM
Description  Glass Passivated Ultrafast Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

B250C800DM Datasheet(HTML) 2 Page - Vishay Siliconix

  B250C800DM Datasheet HTML 1Page - Vishay Siliconix B250C800DM Datasheet HTML 2Page - Vishay Siliconix B250C800DM Datasheet HTML 3Page - Vishay Siliconix B250C800DM Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
B40C800DM thru B380C800DM
www.vishay.com
Vishay Semiconductors
Revision: 19-Aug-11
2
Document Number: 88533
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Thermal resistance from junction to ambient and from junction to lead mounted on PCB with 0.5" x 0.5" (13 mm x 13 mm) copper pads
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Derating Curves Output Rectified Current for
B40C800D...B125C800DM
Fig. 2 - Derating Curves Output Rectified Current for
B250C800D...B360C800DM
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
B40
C800DM
B80
C800DM
B125
C800DM
B250
C800DM
B380
C800DM
UNIT
Maximum instantaneous forward
voltage drop per diode
0.9 A
VF
1.0
V
Maximum reverse current at rated
repetitive peak voltage per diode
IR
10
μA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
B40
C800DM
B80
C800DM
B125
C800DM
B250
C800DM
B380
C800DM
UNIT
Typical thermal resistance (1)
RJA
RJL
40
15
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRD PCKAGE CODE
BASE QUANTITY
DELIVERY MODE
B380C800DM-E3/45
0.416
45
50
Tube
20
40
60
0.2
0.4
0.6
0.8
1.0
80
100
120
140
0
0
0 - 10 µF
10 - 100 µF
> 100 µF
Capacitive Load
Mounted on P.C.B. with 0.06
"
(1.5 mm) Lead Length
Copper Pads
0.51 x 0.51
" (13 x 13 mm)
50 to 60 Hz
Resistive or Inductive Load
Ambient Temperature (°C)
60
80
100
140
0
0.2
0.6
0.8
1.0
0.4
0
20
40
120
Capacitive Load
Mounted on P.C.B. with 0.06
"
(1.5 mm) Lead Length
Copper Pads
0.51 x 0.51
" (13 x 13 mm)
50 to 60 Hz
Resistive or Inductive Load
0 - 10 µF
10 - 100 µF
> 100 µF
Ambient Temperature (°C)


Similar Part No. - B250C800DM

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
B250C800DM GE-B250C800DM Datasheet
84Kb / 2P
   MINIATURE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
B250C800DM VISHAY-B250C800DM Datasheet
87Kb / 4P
   Glass Passivated Ultrafast Bridge Rectifier
09-Oct-06
B250C800DM VISHAY-B250C800DM Datasheet
79Kb / 4P
   Glass Passivated Ultrafast Bridge Rectifier
Revision: 16-Aug-13
B250C800DM VISHAY-B250C800DM Datasheet
89Kb / 5P
   Glass Passivated Ultrafast Bridge Rectifier
Revision: 03-Sep-2020
B250C800DM VISHAY-B250C800DM Datasheet
90Kb / 5P
   Glass Passivated Ultrafast Bridge Rectifier
01-Jan-2022
More results

Similar Description - B250C800DM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
B40C800DM VISHAY-B40C800DM_08 Datasheet
97Kb / 4P
   Glass Passivated Ultrafast Bridge Rectifier
Revision: 29-May-08
800DM VISHAY-800DM Datasheet
89Kb / 5P
   Glass Passivated Ultrafast Bridge Rectifier
Revision: 03-Sep-2020
B40C800DM VISHAY-B40C800DM Datasheet
87Kb / 4P
   Glass Passivated Ultrafast Bridge Rectifier
09-Oct-06
B40C800DM VISHAY-B40C800DM_V01 Datasheet
90Kb / 5P
   Glass Passivated Ultrafast Bridge Rectifier
01-Jan-2022
B250C800DM-E345 VISHAY-B250C800DM-E345 Datasheet
79Kb / 4P
   Glass Passivated Ultrafast Bridge Rectifier
Revision: 16-Aug-13
EDF1AM VISHAY-EDF1AM Datasheet
95Kb / 4P
   Miniature Glass Passivated Ultrafast Bridge Rectifier
Revision: 14-Jan-08
EDF1AM VISHAY-EDF1AM_13 Datasheet
79Kb / 5P
   Miniature Glass Passivated Ultrafast Bridge Rectifier
Revision: 16-Aug-13
EDF1AM VISHAY-EDF1AM_V01 Datasheet
89Kb / 5P
   Miniature Glass Passivated Ultrafast Bridge Rectifier
01-Jan-2022
FGP20B VISHAY-FGP20B_12 Datasheet
79Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
FGP20B VISHAY-FGP20B_11 Datasheet
77Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com