Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

631HE1B4WB0BO10E1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 631HE1B4WB0BO10E1
Description  Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

631HE1B4WB0BO10E1 Datasheet(HTML) 1 Page - Vishay Siliconix

  631HE1B4WB0BO10E1 Datasheet HTML 1Page - Vishay Siliconix 631HE1B4WB0BO10E1 Datasheet HTML 2Page - Vishay Siliconix 631HE1B4WB0BO10E1 Datasheet HTML 3Page - Vishay Siliconix 631HE1B4WB0BO10E1 Datasheet HTML 4Page - Vishay Siliconix 631HE1B4WB0BO10E1 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Single Turn Bushing Mount Hall Effect
Sensor in Size 09 (22.2 mm)
Model 631 HE
Vishay Spectrol
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 57100
166
Revision: 12-Apr-10
FEATURES
• Accurate linearity down to: ± 0.5 %
• All electrical angles available up to: 360°
(no dead band)
• Long life: over 20M cycles
• Non contacting technology: Hall effect
• Model dedicated to all applications in harsh environments
• Robust tool machined aluminum housing
• Compliant to RoHS directive 2002/95/EC
RoHS
COMPLIANT
ELECTRICAL SPECIFICATIONS
PARAMETER
STANDARD
SPECIAL
Electrical Angle
90°, 180°, 270°, 360°
Any other angle upon request
Linearity
± 1 %
± 0.5 %
Supply Voltage
5 VDC ± 10 %
Other upon request
Supply Current
10 mA typical
16 mA for PWM output
Output Signal
Analog ratiometric 10 % to 90 % of Vsupply or
PWM 10 % to 90 % duty cycle
Other upon request
Over Voltage Protection
+ 20 VDC
Reverse Voltage Protection
- 10 VDC
Load Resistance Recommanded
Min. 1 k
Ω for analog output and PWM output
Hysteresis
< 0.2 %
MECHANICAL SPECIFICATIONS
PARAMETER
Mechanical Travel
360° continuous
Bearing Type
Sleeve bearing
Ball bearing upon request
Standard
IP 50; other on request
Weight
20 g ± 2 g
ORDERING INFORMATION/DESCRIPTION
631HE
0
A
1
W
A
1S22
XXXX
BO 10
e1
MODEL FEATURES LINEARITY
ELECTRICAL
ANGLE
OUTPUT
TYPE
OUTPUT
SIGNAL
SHAFT
TYPE
SPECIAL
REQUEST
PACKAGING
LEAD
FINISH
0: Continuous
rotation and
antirotation pin
1: Continuous
rotation and no
antirotation pin
A: ± 1 %
B: ± 0.5 %
1: 90°
2: 180°
3: 270°
4: 360°
9: Other angles
W: Wires
Z: Custom
A: Analog CW
B: Analog CCW
C: PWM CW
D: PWM CCW
Z: Other output
0: 6 mm
1: 6.35 mm
2: 3.175 mm
9: Special
P: Plain
S: Slotted
Z: Other type
Box of 10
pieces
Shaft length from mounting face 22 mm to 72 mm max. per step of 5 mm
SAP PART NUMBERING GUIDELINES
631HE
1
B
9
Z
C
0P27
XXXX
MODEL
MECHANICAL
FEATURES
LINEARITY
ELECTRICAL
ANGLE
OUTPUT
TYPE
OUTPUT
SIGNAL
SHAFT
TYPE
SPECIAL
REQUEST


Similar Part No. - 631HE1B4WB0BO10E1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
631HE1B4WB0XXXXBO10E1 VISHAY-631HE1B4WB0XXXXBO10E1 Datasheet
101Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
01-Jan-2022
More results

Similar Description - 631HE1B4WB0BO10E1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
631HE VISHAY-631HE_V01 Datasheet
101Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
01-Jan-2022
351HE VISHAY-351HE Datasheet
378Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
Revision: 27-Mar-15
MODEL351HE VISHAY-MODEL351HE Datasheet
270Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
Revision: 15-Nov-07
351HE VISHAY-351HE_15 Datasheet
368Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
Revision: 27-Mar-15
631HE VISHAY-631HE_15 Datasheet
359Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
Revision: 27-Mar-15
351HE VISHAY-351HE_V01 Datasheet
376Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
01-Jan-2022
78SHE VISHAY-78SHE_15 Datasheet
401Kb / 5P
   Single Turn Servo Mount Hall Effect Sensor in Size 09 (22.2 mm)
Revision: 27-Mar-15
78SHE VISHAY-78SHE Datasheet
410Kb / 5P
   Single Turn Servo Mount Hall Effect Sensor in Size 09 (22.2 mm)S
01-Jan-2022
34THE VISHAY-34THE_15 Datasheet
221Kb / 7P
   Ten Turns Servo or Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
Revision: 25-Jul-12
34THE VISHAY-34THE_V01 Datasheet
230Kb / 7P
   Ten Turns Servo or Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com