Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

600D566F100DJ4 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 600D566F100DJ4
Description  Aluminum Capacitors Miniature, Axial Lead, High Reliability
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

600D566F100DJ4 Datasheet(HTML) 6 Page - Vishay Siliconix

  600D566F100DJ4 Datasheet HTML 1Page - Vishay Siliconix 600D566F100DJ4 Datasheet HTML 2Page - Vishay Siliconix 600D566F100DJ4 Datasheet HTML 3Page - Vishay Siliconix 600D566F100DJ4 Datasheet HTML 4Page - Vishay Siliconix 600D566F100DJ4 Datasheet HTML 5Page - Vishay Siliconix 600D566F100DJ4 Datasheet HTML 6Page - Vishay Siliconix 600D566F100DJ4 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
600D
Vishay Sprague
Aluminum Capacitors
Miniature, Axial Lead, High Reliability
www.vishay.com
For technical questions, contact: aluminumcaps4@vishay.com
Document Number: 42047
6
Revision: 31-Aug-11
Note
(1) Type 600D original ratings are recommended for replacement applications only.
60 WVDC AT + 85 °C . . . 50 WVDC AT + 125 °C
17
KD
600D176G060KD4
80
DJ
600D806G060DJ4
75 WVDC AT + 85 °C . . . 60 WVDC AT + 125 °C
12
KD
600D126F075KD4
22
DD
600D226F075DD4
33
DE
600D336F075DE4
47
DG
600D476F075DG4
68
DJ
600D686F075DJ4
100
DL
600D107F075DL4
120
DX
600D127F075DX4
100 WVDC AT + 85 °C . . . 75 WVDC AT + 125 °C
8.2
KD
600D825F100KD4
12
DD
600D126F100DD4
15
DE
600D156F100DE4
22
DG
600D226F100DG4
33
DJ
600D336F100DJ4
47
DL
600D476F100DL4
68
DX
600D686F100DX4
150 WVDC AT + 85 °C . . . 100 WVDC AT + 125 °C
4.7
KD
600D475F150KD4
5.6
KD
600D565F150KD4
8.2
DD
600D825F150DD4
12
DE
600D126F150DE4
18
DG
600D186F150DG4
22
DJ
600D226F150DJ4
33
DL
600D336F150DL4
56
DX
600D566F150DX4
200 WVDC AT + 85 °C . . . 150 WVDC AT + 125 °C
3.3
KD
-
3.9
KD
-
5.6
DD
-
8
DE
600D805F200DE4
8.2
DE
-
12
DG
-
15
DJ
-
27
DL
-
39
DX
600D396F200DX4
250 WVDC AT + 85 °C . . . 200 WVDC AT + 125 °C
2.2
KD
-
3.3
KD
600D335F250KD4
5.6
DD
600D565F250DD4
6.8
DE
600D685F250DE4
10
DG
600D106F250DG4
12
DJ
600D126F250DJ4
22
DL
600D226F250DL4
27
DX
600D276F250DX4
ELECTRICAL DATA AND ORDERING INFORMATION - original ratings (1)
CAPACITANCE
(µF)
CASE CODE
PART NUMBER


Similar Part No. - 600D566F100DJ4

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
600DP1S1M1Q E-SWITCH-600DP1S1M1Q Datasheet
218Kb / 2P
   SLIDE SWITCHES - MINIATURE
600DP1S1M1R E-SWITCH-600DP1S1M1R Datasheet
218Kb / 2P
   SLIDE SWITCHES - MINIATURE
600DP1S1M2Q E-SWITCH-600DP1S1M2Q Datasheet
218Kb / 2P
   SLIDE SWITCHES - MINIATURE
600DP1S1M2R E-SWITCH-600DP1S1M2R Datasheet
218Kb / 2P
   SLIDE SWITCHES - MINIATURE
600DP1S1M3Q E-SWITCH-600DP1S1M3Q Datasheet
218Kb / 2P
   SLIDE SWITCHES - MINIATURE
More results

Similar Description - 600D566F100DJ4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
630D VISHAY-630D_13 Datasheet
67Kb / 3P
   Aluminum Capacitors 125 °C, Miniature, Axial Lead
Revision: 24-Apr-13
630D VISHAY-630D_08 Datasheet
129Kb / 3P
   Aluminum Capacitors 125 °C, Miniature, Axial Lead
Revision: 22-Jul-08
516D VISHAY-516D_V01 Datasheet
98Kb / 7P
   Aluminum Capacitors 85 °C, Miniature, Axial Lead
01-Jan-2022
516D VISHAY-516D Datasheet
89Kb / 7P
   Aluminum Capacitors 85 °C, Miniature, Axial Lead
Revision: 12-Apr-12
TVA1410 VISHAY-TVA1410 Datasheet
73Kb / 5P
   Aluminum Capacitors 85 C, Miniature, Axial Lead
Revision: 16-Apr-13
TVAATOM VISHAY-TVAATOM Datasheet
73Kb / 5P
   Aluminum Capacitors 85 °C, Miniature, Axial Lead
Revision: 16-Apr-13
TVATOM VISHAY-TVATOM_15 Datasheet
67Kb / 5P
   Aluminum Capacitors 85 °C, Miniature, Axial Lead
Revision: 03-Mar-15
TVATOM VISHAY-TVATOM Datasheet
78Kb / 5P
   Aluminum Capacitors 85 째C, Miniature, Axial Lead
30D VISHAY-30D_13 Datasheet
76Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 16-Apr-13
30D VISHAY-30D Datasheet
174Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 22-Jul-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com