Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK4087LS Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SK4087LS
Description  General-Purpose Switching Device Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK4087LS Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SK4087LS Datasheet HTML 1Page - Sanyo Semicon Device 2SK4087LS Datasheet HTML 2Page - Sanyo Semicon Device 2SK4087LS Datasheet HTML 3Page - Sanyo Semicon Device 2SK4087LS Datasheet HTML 4Page - Sanyo Semicon Device 2SK4087LS Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SK4087LS
No. A0555-4/5
PW
<10µs
Operation in this area
is limited by RDS(on).
10
µs
100
µs
1ms
10ms
IDP=52A
DC
operation
100ms
IDc(*1)=14A
IDpack(*2)=9.2A
IT11730
Total Gate Charge, Qg -- nC
Drain-to-Source Voltage, VDS -- V
Ambient Temperature, Ta --
°C
Case Temperature, Tc --
°C
A S O
VGS -- Qg
PD -- Ta
PD -- Tc
0
0
25
50
75
100
125
150
100
80
60
20
40
120
175
EAS -- Ta
IT10478
Ambient Temperature, Ta --
°C
2
3
5
7
2
0.1
3
5
7
2
1.0
3
5
7
2
10
3
5
7
2
100
0.01
23
5 7
2
0.1
1.0
35 7
2
10
IT11762
IT11761
0
0
20
40
5
10
60
20
15
80
100
120
25
35
30
40
45
140
160
IT11742
IT11730
0
0
20
40
1.0
0.5
60
2.0
1.5
80
100
120
2.5
140
160
Tc=25
°C
Single pulse
0
0
1
2
3
4
5
6
7
8
50
40
10
9
10
20
30
VDS=200V
ID=14A
35 7
2
100
35 7 1k
*1. Shows chip capability
*2. SANYO’s ideal heat dissipation condition


Similar Part No. - 2SK4087LS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK4087LS SANYO-2SK4087LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4087LS SANYO-2SK4087LS Datasheet
366Kb / 7P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
2SK4087LS ONSEMI-2SK4087LS Datasheet
269Kb / 7P
   N-Channel Power MOSFET
July, 2013
logo
Inchange Semiconductor ...
2SK4087LS ISC-2SK4087LS Datasheet
324Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
2SK4087LS-1E ONSEMI-2SK4087LS-1E Datasheet
269Kb / 7P
   N-Channel Power MOSFET
July, 2013
More results

Similar Description - 2SK4087LS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com