Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNK454 Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # LNK454
Description  LED Driver IC with TRIAC Dimming, Single-Stage PFC and Constant Current Control for Non-Isolated Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK454 Datasheet(HTML) 3 Page - Power Integrations, Inc.

  LNK454 Datasheet HTML 1Page - Power Integrations, Inc. LNK454 Datasheet HTML 2Page - Power Integrations, Inc. LNK454 Datasheet HTML 3Page - Power Integrations, Inc. LNK454 Datasheet HTML 4Page - Power Integrations, Inc. LNK454 Datasheet HTML 5Page - Power Integrations, Inc. LNK454 Datasheet HTML 6Page - Power Integrations, Inc. LNK454 Datasheet HTML 7Page - Power Integrations, Inc. LNK454 Datasheet HTML 8Page - Power Integrations, Inc. LNK454 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Rev. A 11/01/10
3
LNK454/456-458/460
www.powerint.com
Functional Description
The LinkSwitch-PL combines a high-voltage power MOSFET
switch with a power supply controller in one device. The IC
provides a single stage power factor correction plus LED
current control. The LinkSwitch-PL controller consists of an
oscillator, feedback (sense and logic) circuit, 5.85 V regulator,
hysteretic over-temperature protection, frequency jittering,
cycle-by-cycle current limit, loop compensation circuitry, auto-
restart, switching on-time extension, power factor and constant
current control.
In a direct LED current sensing configuration, the average
FEEDBACK pin voltage is a replica of the LED current, scaled
by the sense resistor (R
SENSE in Figure 4). A small low-pass filter
(R
F and CF in Figure 4) reduces high frequency noise at the
FEEDBACK pin.
Figure 5 illustrates the operating regions of the FEEDBACK pin
voltage. The LinkSwitch-PL sets its operating point such that
the average FEEDBACK pin voltage in steady-state operation is
290 mV. This threshold is set low to minimize the sensing
resistor dissipation. The internal MOSFET switching frequency
and on-time are updated once every input AC half-cycle to
regulate the output current and maintain high power factor.
If the FEEDBACK pin peak voltage exceeds 520 mV, cycle
skipping mode is triggered and the power processed by the
integrated power MOSFET is clamped on a cycle-by-cycle
basis. Switching frequency may vary during an input voltage
half-cycle to reduce thermal stress on the output LEDs.
Figure 4.
Typical Application Schematic.
Figure 5.
FEEDBACK Pin Operational Voltage Thresholds.
Auto-restart protection is triggered by a FEEDBACK pin voltage
in excess of 2 V. This feature can be used to provide output
overvoltage protection (via DZ
OV and ROV, in Figure 4), which
triggers the IC to enter auto-restart.
PI-5838-091010
Auto-Restart
2 V
520 mV
Cycle Skipping
Mode
Normal Operation
290 mV
D
S
BP
CONTROL
FB
PI-5837-060710
LinkSwitch-PL
AC
IN
CF
RSENSE
RF
ROV
DZOV
RES
DES


Similar Part No. - LNK454

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK454 POWERINT-LNK454 Datasheet
1Mb / 12P
   LED Driver IC with TRIAC Dimming, Single-Stage PFC and Constant Current Control for Non-Isolated Applications
LNK454 POWERINT-LNK454 Datasheet
2Mb / 20P
   LED Driver IC with TRIAC Dimming Single Stage PFC and Constant Current Control for Non Isolated Applications
LNK454D POWERINT-LNK454D Datasheet
1Mb / 12P
   LED Driver IC with TRIAC Dimming, Single-Stage PFC and Constant Current Control for Non-Isolated Applications
LNK454D POWERINT-LNK454D Datasheet
2Mb / 20P
   LED Driver IC with TRIAC Dimming Single Stage PFC and Constant Current Control for Non Isolated Applications
LNK454DG POWERINT-LNK454DG Datasheet
1Mb / 12P
   LED Driver IC with TRIAC Dimming, Single-Stage PFC and Constant Current Control for Non-Isolated Applications
More results

Similar Description - LNK454

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK454 POWERINT-LNK454 Datasheet
1Mb / 12P
   LED Driver IC with TRIAC Dimming, Single-Stage PFC and Constant Current Control for Non-Isolated Applications
LNK454 POWERINT-LNK454_11 Datasheet
2Mb / 20P
   LED Driver IC with TRIAC Dimming Single Stage PFC and Constant Current Control for Non Isolated Applications
LYT3314 POWERINT-LYT3314 Datasheet
1Mb / 18P
   Single-Stage LED Driver IC with Combined PFC and Constant Current Output for Outstanding TRIAC Dimming in Isolated and Non-Isolated Topologies
April 2016
LNK403 POWERINT-LNK403_V01 Datasheet
1Mb / 20P
   Single-Stage PFC, Primary-Side Constant Current Control and TRIAC Dimming/Non-Dimming Options
June 2015
LYT5216 POWERINT-LYT5216 Datasheet
838Kb / 14P
   Single-Stage LED Driver IC with Combined PFC and Constant Current Output in Isolated and Non-Isolated Topologies
March 2016
logo
SHENZHEN FUMAN ELECTRON...
FM7605 FUMAN-FM7605 Datasheet
609Kb / 9P
   Non-isolated step-down four-stage dimming LED constant current driver IC
logo
Power Integrations, Inc...
LYT4211 POWERINT-LYT4211 Datasheet
3Mb / 42P
   Single-Stage Accurate Primary-Side Constant Current (CC) Controller with PFC for Low-Line Applications with TRIAC Dimming and Non-Dimming Options
November 2014
logo
SHENZHEN FUMAN ELECTRON...
FM7606 FUMAN-FM7606 Datasheet
256Kb / 9P
   Non-isolated buck automatic cycle dimming LED constant current driver IC
logo
Shenzhen Tianyuan Semic...
TP8553C TPOWER-TP8553C Datasheet
626Kb / 6P
   Three-stage switch dimming non-isolated buck LED constant current driver chip
logo
IXYS Corporation
IX9907N IXYS-IX9907N Datasheet
225Kb / 10P
   Single stage, primary control with PFC and dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com