Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNK417EG Datasheet(PDF) 10 Page - Power Integrations, Inc.

Part # LNK417EG
Description  LinkSwitch-PH LED Driver IC Family
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK417EG Datasheet(HTML) 10 Page - Power Integrations, Inc.

Back Button LNK417EG Datasheet HTML 6Page - Power Integrations, Inc. LNK417EG Datasheet HTML 7Page - Power Integrations, Inc. LNK417EG Datasheet HTML 8Page - Power Integrations, Inc. LNK417EG Datasheet HTML 9Page - Power Integrations, Inc. LNK417EG Datasheet HTML 10Page - Power Integrations, Inc. LNK417EG Datasheet HTML 11Page - Power Integrations, Inc. LNK417EG Datasheet HTML 12Page - Power Integrations, Inc. LNK417EG Datasheet HTML 13Page - Power Integrations, Inc. LNK417EG Datasheet HTML 14Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Rev. D 08/11
10
LNK403-409/413-419
www.powerint.com
Start by adding a bleeder circuit. Add a 0.44 mF capacitor and
510 W 1 W resistor (components in series) across the rectified
bus (C11 and R18 in Figure 7). If this results in satisfactory
operation reduce the capacitor value to the smallest that results
in acceptable performance to reduce losses and increase
efficiency.
If the bleeder circuit does not maintain conduction in the TRIAC,
then add an active damper as shown in Figure 7. This consists
of components R9, R10, R11, R12, D1, Q1, C6, VR2, Q2 in
conjunction with R13. This circuit limits the inrush current that
flows to charge C2 when the TRIAC turns on by placing R13 in
series for the first 1 ms of the TRIAC conduction. After
approximately 1 ms, Q2 turns on and shorts R13. This keeps
the power dissipation on R13 low and allows a larger value to
be used during current limiting. Increasing the delay before Q2
turns on by increasing the values of resistors R9 and R10 will
improve dimmer compatibility but cause more power to be
dissipated across R13. Monitor the AC line current and voltage
at the input of the power supply as you make the adjustments.
Increase the delay until the TRIAC operates properly but keep
the delay as short as possible for efficiency.
As a general rule the greater the power dissipated in the bleeder
and damper circuits, the more dimmer types will work with the
driver.
Trailing Edge Phase Controlled Dimmers
Figure 11 shows the line voltage and current at the input of the
power supply with a trailing edge dimmer. In this example, the
dimmer conducts at 90 degrees. Many of these dimmers use
back-to-back connected power FETs rather than a TRIAC to
control the load. This eliminates the holding current issue of
TRIACs and since the conduction begins at the zero crossing,
high current surges and line ringing are minimized. Typically
these types of dimmers do not require damping and bleeder
circuits.
Audible Noise Considerations for Use With
Leading Edge Dimmers
Noise created when dimming is typically created by the input
capacitors, EMI filter inductors and the transformer. The input
capacitors and inductors experience high di/dt and dv/dt every
AC half-cycle as the TRIAC fires and an inrush current flows to
charge the input capacitance. Noise can be minimized by
selecting film vs ceramic capacitors, minimizing the capacitor
value and selecting inductors that are physically short and wide.
The transformer may also create noise which can be minimized
by avoiding cores with long narrow legs (high mechanical
resonant frequency). For example, RM cores produce less
audible noise than EE cores for the same flux density. Reducing
the core flux density will also reduce the noise. Reducing the
maximum flux density (BM) to 1500 Gauss usually eliminates
any audible noise but must be balanced with the increased core
size needed for a given output power.
Thermal and Lifetime Considerations
Lighting applications present thermal challenges to the driver.
In many cases the LED load dissipation determines the working
ambient temperature experienced by the drive so thermal
evaluation should be performed with the driver inside the final
enclosure. Temperature has a direct impact on driver and LED
lifetime. For every 10 °C rise in temperature, component life is
reduced by a factor of 2. Therefore it is important to properly
heat sink and verify the operating temperatures of all devices.
0
50
100
150
200
250
400
350
300
Conduction Angle (°)
350
300
250
200
150
100
50
0
0.35
0.3
0.25
0.2
0.15
0.1
0.05
0
PI-5985-102810
Voltage
Current
Figure 10. Example of Phase Angle Dimmer Showing Erratic Firing.
50
100
150
200
250
300
350
Conduction Angle (°)
350
250
150
50
-50
-150
-250
-350
0.35
0.25
0.15
0.05
-0.05
-0.15
-0.25
-0.35
PI-5986-060810
Voltage
Current
0
Figure 11. Ideal Dimmer Output Voltage and Current Waveforms for a Trailing Edge
Dimmer at 90° Conduction Angle.


Similar Part No. - LNK417EG

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK417E POWERINT-LNK417E Datasheet
1Mb / 20P
   Single-Stage PFC, Primary-Side Constant Current Control and TRIAC Dimming/Non-Dimming Options
June 2015
More results

Similar Description - LNK417EG

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LYT4317E POWERINT-LYT4317E Datasheet
2Mb / 20P
   LYTSwitch High Power LED Driver IC Family
LYT4312 POWERINT-LYT4312 Datasheet
2Mb / 20P
   LYTSwitch High Power LED Driver IC Family
LNK362GN-TL POWERINT-LNK362GN-TL Datasheet
789Kb / 16P
   LinkSwitch-XT Family Energy Effi cient, Low Power Off-Line Switcher IC
logo
Allegro MicroSystems
SLA7075M ALLEGRO-SLA7075M Datasheet
363Kb / 13P
   Motor Driver IC Family
SLA7070M ALLEGRO-SLA7070M Datasheet
350Kb / 12P
   Motor Driver IC Family
logo
Power Integrations, Inc...
LNK302P POWERINT-LNK302P Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK306DN-TL POWERINT-LNK306DN-TL Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK302GN POWERINT-LNK302GN Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK305GN-TL POWERINT-LNK305GN-TL Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
   LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com