Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNK457VG-TL Datasheet(PDF) 8 Page - Power Integrations, Inc.

Part # LNK457VG-TL
Description  LED Driver IC with TRIAC Dimming, Single-Stage PFC and Constant Current Control for Non-Isolated Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK457VG-TL Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button LNK457VG-TL Datasheet HTML 4Page - Power Integrations, Inc. LNK457VG-TL Datasheet HTML 5Page - Power Integrations, Inc. LNK457VG-TL Datasheet HTML 6Page - Power Integrations, Inc. LNK457VG-TL Datasheet HTML 7Page - Power Integrations, Inc. LNK457VG-TL Datasheet HTML 8Page - Power Integrations, Inc. LNK457VG-TL Datasheet HTML 9Page - Power Integrations, Inc. LNK457VG-TL Datasheet HTML 10Page - Power Integrations, Inc. LNK457VG-TL Datasheet HTML 11Page - Power Integrations, Inc. LNK457VG-TL Datasheet HTML 12Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Rev. A 11/01/10
8
LNK454/456-458/460
www.powerint.com
This can be achieved through selecting the appropriate value of
output capacitance and the value of the current sense resistor.
If the peak of the ripple voltage exceeds 520 mV, the device will
enter cycle skipping mode which will reduce PFC performance
(lower PF and increase THD).
Transformer Considerations for use with
Leading Edge TRIAC Dimmers
Audible noise can be created in the transformer due to the
abrupt change in flux when the TRIAC turns on. This can be
minimized by selecting cores with higher mechanical resonant
frequencies. Cores with long narrow legs should be avoided
(e.g. EEL types). RM and other pot core types are good
choices and produce less audible noise than EE cores for the
same flux density. Reducing the core flux density (BM) also
reduces audible noise generation. A value below 1500 Gauss
usually eliminates any noise generation but reduces the power
capability of a given core size.
Working with TRIAC Dimmers
The requirement to provide output dimming with low cost,
TRIAC based, leading edge phase dimmers introduces a
number of trade-offs in the design.
For correct operation incandescent phase angle dimmers
typically have a specified minimum load, typically ~40 W for a
230 VAC rated unit. This is to ensure that the current through
the internal TRIAC stays above its specified holding current
threshold.
Due to the much lower power consumed by LED lighting the
input current drawn by the lamp is below the holding current of
the TRIAC within the dimmer. The input capacitance of the
driver allows large inrush currents to flow when the TRIAC fires.
This then generates input current ringing with the input stage
and line inductance which may cause the current to fall below
the TRIAC holding current. Both of these mechanisms cause
undesirable behavior such as limited dimming range and/or
flickering.
To overcome these issues two circuit blocks, damper and
bleeder, are incorporated in dimming applications. The
drawback of these circuits is increased dissipation and
therefore reduced efficiency of the supply.
Figure 8 shows the line voltage and current at the input of a
leading edge TRIAC dimmer. In this example, the TRIAC
conducts at 90 degrees.
Figure 9 shows the desired rectified bus voltage and current.
Figure 10 shows undesired rectified bus voltage and current
with the TRIAC turning off prematurely and restarting. On the
first half cycle this is due to the input current ringing below the
holding current of the TRIAC, excited by the initial inrush current.
The second half cycle also shows the TRIAC turning off due to
the current falling below the holding current towards the end of
the conduction angle. This difference in behavior on alternate
half cycles is often seen due to a difference in the holding
current of the TRIAC between the two operating quadrants.
If the TRIAC is turning off before the end of the half cycle or
rapidly turning on and off then a bleeder and damper circuit are
required.
In general as power dissipated in the bleeder and damper
circuits increases, so does dimmer compatibility.
Initially install a bleeder network across the rectified power bus
(R10, R11 and C6 in Figure 7) with initial values of 0.1
µF and a
total resistance of 1 k
W and power rating of 2 W.
Figure 8.
Ideal Input Voltage and Current Waveforms for a Leading Edge
TRIAC Dimmer at 90° Conduction Angle.
50
100
150
200
250
300
350
400
Conduction Angle (°)
350
250
150
50
-50
-150
-250
-350
0.35
0.25
0.15
0.05
-0.05
-0.15
-0.25
-0.35
PI-5983-060810
Voltage
Current
0.5
0
50
100
150
200
250
400
350
300
Conduction Angle (°)
350
300
250
200
150
100
50
0
0.35
0.3
0.25
0.2
0.15
0.1
0.05
0
PI-5984-060810
Voltage
Current
Figure 9.
Resultant Waveforms Following Rectification of Ideal TRIAC
Dimmer Output.
0
50
100
150
200
250
400
350
300
Conduction Angle (°)
350
300
250
200
150
100
50
0
0.35
0.3
0.25
0.2
0.15
0.1
0.05
0
PI-5985-102810
Voltage
Current
Figure 10. Example of Phase Angle Dimmer Showing Erratic Firing.


Similar Part No. - LNK457VG-TL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK457V POWERINT-LNK457V Datasheet
2Mb / 20P
   LED Driver IC with TRIAC Dimming Single Stage PFC and Constant Current Control for Non Isolated Applications
More results

Similar Description - LNK457VG-TL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK454 POWERINT-LNK454 Datasheet
1Mb / 12P
   LED Driver IC with TRIAC Dimming, Single-Stage PFC and Constant Current Control for Non-Isolated Applications
LNK454 POWERINT-LNK454_11 Datasheet
2Mb / 20P
   LED Driver IC with TRIAC Dimming Single Stage PFC and Constant Current Control for Non Isolated Applications
LYT3314 POWERINT-LYT3314 Datasheet
1Mb / 18P
   Single-Stage LED Driver IC with Combined PFC and Constant Current Output for Outstanding TRIAC Dimming in Isolated and Non-Isolated Topologies
April 2016
LNK403 POWERINT-LNK403_V01 Datasheet
1Mb / 20P
   Single-Stage PFC, Primary-Side Constant Current Control and TRIAC Dimming/Non-Dimming Options
June 2015
LYT5216 POWERINT-LYT5216 Datasheet
838Kb / 14P
   Single-Stage LED Driver IC with Combined PFC and Constant Current Output in Isolated and Non-Isolated Topologies
March 2016
logo
SHENZHEN FUMAN ELECTRON...
FM7605 FUMAN-FM7605 Datasheet
609Kb / 9P
   Non-isolated step-down four-stage dimming LED constant current driver IC
logo
Power Integrations, Inc...
LYT4211 POWERINT-LYT4211 Datasheet
3Mb / 42P
   Single-Stage Accurate Primary-Side Constant Current (CC) Controller with PFC for Low-Line Applications with TRIAC Dimming and Non-Dimming Options
November 2014
logo
SHENZHEN FUMAN ELECTRON...
FM7606 FUMAN-FM7606 Datasheet
256Kb / 9P
   Non-isolated buck automatic cycle dimming LED constant current driver IC
logo
Shenzhen Tianyuan Semic...
TP8553C TPOWER-TP8553C Datasheet
626Kb / 6P
   Three-stage switch dimming non-isolated buck LED constant current driver chip
logo
IXYS Corporation
IX9907N IXYS-IX9907N Datasheet
225Kb / 10P
   Single stage, primary control with PFC and dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com