Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNK457VG-TL Datasheet(PDF) 9 Page - Power Integrations, Inc.

Part # LNK457VG-TL
Description  LED Driver IC with TRIAC Dimming, Single-Stage PFC and Constant Current Control for Non-Isolated Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK457VG-TL Datasheet(HTML) 9 Page - Power Integrations, Inc.

Back Button LNK457VG-TL Datasheet HTML 5Page - Power Integrations, Inc. LNK457VG-TL Datasheet HTML 6Page - Power Integrations, Inc. LNK457VG-TL Datasheet HTML 7Page - Power Integrations, Inc. LNK457VG-TL Datasheet HTML 8Page - Power Integrations, Inc. LNK457VG-TL Datasheet HTML 9Page - Power Integrations, Inc. LNK457VG-TL Datasheet HTML 10Page - Power Integrations, Inc. LNK457VG-TL Datasheet HTML 11Page - Power Integrations, Inc. LNK457VG-TL Datasheet HTML 12Page - Power Integrations, Inc. LNK457VG-TL Datasheet HTML 13Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Rev. A 11/01/10
9
LNK454/456-458/460
www.powerint.com
Reduce the capacitance value to find the minimum acceptable
value. Reducing the capacitance value reduces power
dissipation and therefore increases efficiency.
If the bleeder circuit does not maintain conduction in the TRIAC,
then add a damper. The purpose of the damper is to limit the
inrush current (as the input capacitance charges) and
associated ringing that occurs when the TRIAC turns on.
Initially add a passive damper which is a simple resistor in series
with the AC input (R20 in Figure 7). Values in the range of 10
W
– 100
W are typical with the upper range being limited by the
allowed dissipation / temperature rise and reduction in
efficiency. Values below 10
W may also be used but are less
effective especially in high AC line input designs.
If a passive damper is insufficient to prevent incorrect TRIAC
operation then an active damper can be added. This is typical
in high line applications due to the much larger inrush current
that flows when the TRIAC turns on. A low cost active damper
circuit is formed by R3, R4, C3, Q3, R7 and R8 in Figure 7.
Resistor R7 and R8 limit the inrush current and can be a much
higher value than the passive case as they are in circuit for only
a fraction of the line cycle. Silicon controlled rectifier (SCR) Q3
shorts R7 and R8 after a delay defined by R3, R4 and C3. The
delay is adjusted to give the shortest time that provides
acceptable dimmer performance to minimize the dissipation in
the resistors. The SCR is a low current, low cost device
available in TO-92 packages with very low gate current
requirements. The gate drive requirement of the selected SCR
together with the minimum specified line voltage defines the
maximum value of R7 and R8.
It’s common for different dimmers to behave differently across
manufacturers and power ratings. For example a 300 W
dimmer requires less dampening and requires less power loss
in the bleeder than a 600 W or 1000 W dimmer due to the use
of a lower current rating TRIAC which typically have lower
holding currents. Line impedance differences can also cause
variation in behavior so during development the use of an AC
source is recommended for consistency however testing using
AC mains power should also be performed.
Electronic Trailing Edge Dimmers
Figure 11 shows the line voltage and current at the input of the
power supply with a trailing edge electronic dimmer. In this
example, the dimmer conducts at 90 degrees. This type of
dimmer typically uses a power MOSFET or IGBT to provide the
switching function and therefore no holding current is
necessary. Also since the conduction begins at the zero
crossing, high current surges and line ringing are not an issue.
Use of these types of dimmers typically does not require
damper and bleeder circuits.
Thermal Considerations
Lighting applications present unique thermal challenges for the
power supply designer. In many cases the LED load and
associated heatsink determine the power supply ambient
temperature. Therefore it is important to properly heatsink and
verify the operating temperatures of all devices. For the
LinkSwitch-PL device a SOURCE pin (D package) or exposed
pad (K or V package) temperature of <115
°C is recommended
to allow margin for unit to unit variation. Worst case conditions
are typically maximum output power, maximum external
ambient and either minimum or maximum input voltage.
Layout Considerations
Primary Side Connections
The BYPASS pin capacitor should be located as close to the
BYPASS pin and connected as close to the SOURCE pin as
possible. The SOURCE pin trace should not be shared with the
main power MOSFET switching currents. All FEEDBACK pin
components that connect to the SOURCE pin should follow the
same guideline as for the BYPASS pin capacitor.
It is critical that the main power MOSFET switching currents
return to the bulk capacitor with the shortest path possible. Long
high current paths create excessive conducted and radiated
noise.
50
100
150
200
250
300
350
Conduction Angle (°)
350
250
150
50
-50
-150
-250
-350
0.35
0.25
0.15
0.05
-0.05
-0.15
-0.25
-0.35
PI-5986-060810
Voltage
Current
0
Figure 11. Ideal Dimmer Output Voltage and Current Waveforms for a Trailing Edge
Dimmer at 90° Conduction Angle.


Similar Part No. - LNK457VG-TL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK457V POWERINT-LNK457V Datasheet
2Mb / 20P
   LED Driver IC with TRIAC Dimming Single Stage PFC and Constant Current Control for Non Isolated Applications
More results

Similar Description - LNK457VG-TL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK454 POWERINT-LNK454 Datasheet
1Mb / 12P
   LED Driver IC with TRIAC Dimming, Single-Stage PFC and Constant Current Control for Non-Isolated Applications
LNK454 POWERINT-LNK454_11 Datasheet
2Mb / 20P
   LED Driver IC with TRIAC Dimming Single Stage PFC and Constant Current Control for Non Isolated Applications
LYT3314 POWERINT-LYT3314 Datasheet
1Mb / 18P
   Single-Stage LED Driver IC with Combined PFC and Constant Current Output for Outstanding TRIAC Dimming in Isolated and Non-Isolated Topologies
April 2016
LNK403 POWERINT-LNK403_V01 Datasheet
1Mb / 20P
   Single-Stage PFC, Primary-Side Constant Current Control and TRIAC Dimming/Non-Dimming Options
June 2015
LYT5216 POWERINT-LYT5216 Datasheet
838Kb / 14P
   Single-Stage LED Driver IC with Combined PFC and Constant Current Output in Isolated and Non-Isolated Topologies
March 2016
logo
SHENZHEN FUMAN ELECTRON...
FM7605 FUMAN-FM7605 Datasheet
609Kb / 9P
   Non-isolated step-down four-stage dimming LED constant current driver IC
logo
Power Integrations, Inc...
LYT4211 POWERINT-LYT4211 Datasheet
3Mb / 42P
   Single-Stage Accurate Primary-Side Constant Current (CC) Controller with PFC for Low-Line Applications with TRIAC Dimming and Non-Dimming Options
November 2014
logo
SHENZHEN FUMAN ELECTRON...
FM7606 FUMAN-FM7606 Datasheet
256Kb / 9P
   Non-isolated buck automatic cycle dimming LED constant current driver IC
logo
Shenzhen Tianyuan Semic...
TP8553C TPOWER-TP8553C Datasheet
626Kb / 6P
   Three-stage switch dimming non-isolated buck LED constant current driver chip
logo
IXYS Corporation
IX9907N IXYS-IX9907N Datasheet
225Kb / 10P
   Single stage, primary control with PFC and dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com