Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNK562D Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # LNK562D
Description  Energy Effi cient Off-Line Switcher IC for Linear Transformer Replacement
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK562D Datasheet(HTML) 4 Page - Power Integrations, Inc.

  LNK562D Datasheet HTML 1Page - Power Integrations, Inc. LNK562D Datasheet HTML 2Page - Power Integrations, Inc. LNK562D Datasheet HTML 3Page - Power Integrations, Inc. LNK562D Datasheet HTML 4Page - Power Integrations, Inc. LNK562D Datasheet HTML 5Page - Power Integrations, Inc. LNK562D Datasheet HTML 6Page - Power Integrations, Inc. LNK562D Datasheet HTML 7Page - Power Integrations, Inc. LNK562D Datasheet HTML 8Page - Power Integrations, Inc. LNK562D Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Rev. H 11/08
4
LNK562-564
Applications Example
The circuit shown in Figure 5 is a typical implementation of
a 6 V, 330 mA, constant voltage, constant current (CV/CC)
output power supply.
AC input differential filtering is accomplished with the very
low cost input filter stage formed by C1 and L1. The proprietary
frequency jitter feature of the LNK564 eliminates the need for
an input pi filter, so only a single bulk capacitor is required.
Adding a sleeve may allow the input inductor L1 to be used as a
fuse as well as a filter component. This very simple Filterfuse™
input stage further reduces system cost. Alternatively, a fusible
resistor RF1 may be used to provide the fusing function.
Input diode D2 may be removed from the neutral phase in
applications where decreased EMI margins and/or decreased
input surge withstand is allowed. In such applications, D1 will
need to be an 800 V diode.
The power supply utilizes simplified bias winding voltage
feedback, enabled by LNK564 ON/OFF control. The resistor
divider formed by R1 and R2 determine the output voltage across
the transformer bias winding during the switch OFF time. In the
V/I constant voltage region, the LNK564 device enables/disables
switching cycles to maintain 1.69 V on the FB pin. Diode D3 and
low cost ceramic capacitor C3 provide rectification and filtering
of the primary feedback winding waveform.At increased loads,
beyond the constant power threshold, the FB pin voltage begins
to reduce as the power supply output voltage falls. The internal
oscillator frequency is linearly reduced in this region until it
reaches typically 50% of the starting frequency. When the FB
pin voltage drops below the auto-restart threshold (typically
0.8 V on the FB pin, which is equivalent to 1 V to 1.5 V at the
output of the power supply), the power supply will turn OFF
for 800 ms and then turn back on for 100 ms. It will continue
in this mode until the auto-restart threshold is exceeded. This
function reduces the average output current during an output
short circuit condition.
No-load consumption can be further reduced by increasing C3
to 0.47 μF or higher.
A Clampless primary circuit is achieved due to the very
tight tolerance current limit trimming techniques used in
manufacturing the LNK564, plus the transformer construction
techniques used. Peak drain voltage is therefore limited to
typically less than 550 V at 265 VAC, providing significant
margin to the 700 V minimum drain voltage specification
(BV
DSS).
Output rectification and filtering is achieved with output rectifier
D4 and filter capacitor C5. Due to the auto-restart feature, the
average short circuit output current is significantly less than
1A, allowing low cost rectifier D4 to be used. Output circuitry is
designed to handle a continuous short circuit on the power supply
output. Diode D4 is an ultra-fast type, selected for optimum
V/I output characteristics. Optional resistor R3 provides a
preload, limiting the output voltage level under no-load output
conditions. Despite this preload, no-load consumption is within
targets at approximately 140 mW at 265 VAC. The additional
margin of no-load consumption requirement can be achieved
by increasing the value of R4 to 2.2 kΩ or higher while still
maintaining output voltage well below the 9 V maximum
specification. Placement is left on the board for an optional
Zener clamp (VR1) to limit maximum output voltage under
open loop conditions, if required.
Figure 5. 6 V, 330 mA CV/CC Linear Replacement Power Supply.
D
S
FB
BP
J3-1
RTN
6 V,
0.33 A
J3-2
L
J-1
J-2
N
D1
1N4937
RF1*
8.2
Ω
2.5 W
C1
10
μF
400 V
C2
0.1
μF
50 V
L1
3300
μH
D4
UF4002
D3
1N4005
C5
220
μF
25 V
C3
330 nF
50 V
C4*
100 pF
250 VAC
*Optional components
R3
2 k
Ω
VR1*
1N5240B
10 V
R2
3 k
Ω
R1
37.4 k
Ω
T1
EE16
2
1
7
6
4
5
D2
1N4005
90-265
VAC
LinkSwitch-LP
PI-4106-010208
U1
LNK564PN


Similar Part No. - LNK562D

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK562D POWERINT-LNK562D Datasheet
1Mb / 20P
   Energy Efficient Off-Line Switcher IC for Linear Transformer Replacement
December 2021
LNK562DG POWERINT-LNK562DG Datasheet
1,018Kb / 16P
   LinkSwitch-LP Energy Effi cient Off-Line Switcher IC for Linear Transformer Replacement
LNK562DG-TL POWERINT-LNK562DG-TL Datasheet
1,018Kb / 16P
   LinkSwitch-LP Energy Effi cient Off-Line Switcher IC for Linear Transformer Replacement
LNK562DG-TL POWERINT-LNK562DG-TL Datasheet
1Mb / 20P
   Energy Efficient Off-Line Switcher IC for Linear Transformer Replacement
December 2021
LNK562DN POWERINT-LNK562DN Datasheet
1,018Kb / 16P
   LinkSwitch-LP Energy Effi cient Off-Line Switcher IC for Linear Transformer Replacement
More results

Similar Description - LNK562D

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK562 POWERINT-LNK562 Datasheet
755Kb / 16P
   Energy Effi cient Off-Line Switcher IC for Linear Transformer Replacement
LNK562DN POWERINT-LNK562DN Datasheet
1,018Kb / 16P
   LinkSwitch-LP Energy Effi cient Off-Line Switcher IC for Linear Transformer Replacement
logo
FERYSTER Inductive Comp...
LNK362-364 FERYSTER-LNK362-364 Datasheet
769Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK364DN POWERINT-LNK364DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK363DN POWERINT-LNK363DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK362PG POWERINT-LNK362PG Datasheet
793Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK362 POWERINT-LNK362 Datasheet
739Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK562 POWERINT-LNK562_V01 Datasheet
1Mb / 20P
   Energy Efficient Off-Line Switcher IC for Linear Transformer Replacement
December 2021
LNK304DN POWERINT-LNK304DN Datasheet
711Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK305GN POWERINT-LNK305GN Datasheet
717Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com