Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC1971 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SC1971
Description  isc Silicon NPN Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC1971 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SC1971 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC1971 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC1971
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CBO
Collector-Base Breakdown Voltage
IC= 10mA, IE= 0
35
V
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 50mA; RBE= ∞
17
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 5mA, IC= 0
4
V
ICBO
Collector Cutoff Current
VCB= 25V; IE= 0
0.5
mA
IEBO
Emitter Cutoff Current
VEB= 3V; IC= 0
0.5
mA
hFE
DC Current Gain
IC= 0.1A; VCE= 10V
10
180
PO
Output Power
6
7
W
ηC
Collector Efficiency
VCC= 13.5V; Pin= 0.6W;
f= 175MHz
60
70
%
hFE Classifications
X
A
B
C
D
10-25
20-45
35-70
55-110
90-180
isc Website:www.iscsemi.cn


Similar Part No. - 2SC1971

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
2SC1971 MITSUBISHI-2SC1971 Datasheet
127Kb / 3P
   NPN EPITAXIAL PLANAR TYPE(for RF power amplifiers on VHF band Mobile radio applications)
logo
Advanced Semiconductor
2SC1971 ASI-2SC1971 Datasheet
63Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
2SC1971 NJSEMI-2SC1971 Datasheet
153Kb / 1P
   silicon NPN epitaxial planar type transistor designed for RF power amplifiers on VHF band mobile radio
logo
eleflow technologies co...
2SC1971 ELEFLOW-2SC1971 Datasheet
269Kb / 3P
   4 to 5 watts output power amplifiers in VHF band applications.
logo
Mitsubishi Electric Sem...
2SC1971-01 MITSUBISHI-2SC1971-01 Datasheet
127Kb / 3P
   NPN EPITAXIAL PLANAR TYPE(for RF power amplifiers on VHF band Mobile radio applications)
More results

Similar Description - 2SC1971

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUV20 ISC-BUV20 Datasheet
194Kb / 2P
   isc Silicon NPN Power Transistor
BUV48I ISC-BUV48I Datasheet
209Kb / 2P
   isc Silicon NPN Power Transistor
BUV51 ISC-BUV51 Datasheet
192Kb / 2P
   isc Silicon NPN Power Transistor
BUV52A ISC-BUV52A Datasheet
191Kb / 2P
   isc Silicon NPN Power Transistor
2N6496 ISC-2N6496 Datasheet
141Kb / 2P
   isc Silicon NPN Power Transistor
2N6545 ISC-2N6545 Datasheet
143Kb / 2P
   isc Silicon NPN Power Transistor
MJD148 ISC-MJD148 Datasheet
244Kb / 2P
   isc Silicon NPN Power Transistor
TIP35CF ISC-TIP35CF Datasheet
156Kb / 2P
   isc Silicon NPN Power Transistor
2SB1412 ISC-2SB1412 Datasheet
265Kb / 3P
   isc Silicon NPN Power Transistor
MJ1800 ISC-MJ1800 Datasheet
140Kb / 2P
   isc Silicon NPN Power Transistor
KSH47 ISC-KSH47 Datasheet
348Kb / 3P
    isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com