Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72720YV Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # 72720YV
Description  Single-Chip RDS Signal-Processing System IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

72720YV Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button 72720YV Datasheet HTML 6Page - Sanyo Semicon Device 72720YV Datasheet HTML 7Page - Sanyo Semicon Device 72720YV Datasheet HTML 8Page - Sanyo Semicon Device 72720YV Datasheet HTML 9Page - Sanyo Semicon Device 72720YV Datasheet HTML 10Page - Sanyo Semicon Device 72720YV Datasheet HTML 11Page - Sanyo Semicon Device 72720YV Datasheet HTML 12Page - Sanyo Semicon Device 72720YV Datasheet HTML 13Page - Sanyo Semicon Device 72720YV Datasheet HTML 14Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Serial Data Input and Output Methods
Data is input and output using the CCB (computer control bus), which is the Sanyo audio IC serial bus format. This IC
adopts an 8-bit address CCB format.
Serial data input (IN1, IN2)
tSU, tHD, tEL, tES, tEH ≥ 0.75 μs tLC < 1.15μs tCE < 20 ms
CL: Normal high
CL: Normal low
No. 6488-11/14
LC72720Y, 72720YV
I/O mode
(LSB)
Address
(MSB)
Comment
B0
B1
B2
B3
A0
A1
A2
A3
1
IN1 (6A)
01010110
· Control data input mode, also referred to as “serial data input” mode.
· This is a 16-bit data input mode.
2
IN2 (6B)
11010110
· Control data input mode, also referred to as “serial data input” mode.
· This is a 16-bit data input mode.
3
OUT (6C)
00110110
· Data output mode, also referred to as “serial data output” mode.
· The data for multiple blocks can be output sequentially in this mode.
CE
CL
DI
DO
B0
B1
B2
B3
A0
A1
A2
A3
First Data IN1/2
First Data OUT
First Data OUT
A13212
1
2
1
2
tSU
tHD
tEL
tES
tEH
tLC
tCE
B0
B1
B2
B3
A0
A1
A2
A3
FS0
CT1
FS1
0
FS2
0
FS3
0
EC3
TS0
EC4
TS1
CT0
TS2
0
TS3
CE
CL
DI
A13213
tSU
tHD
tEL
tES
tEH
tLC
tCE
B0
B1
B2
B3
A0
A1
A2
A3
FS1
0
FS0
CT1
FS2
0
FS3
0
EC3
TS0
EC4
TS1
CT0
TS2
0
TS3
CE
CL
DI
A13214
I/O mode determined
➀ For the CL normal high state
➁ For the CL normal low state
Internal data
Internal data


Similar Part No. - 72720YV

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
7272 POMONA-7272 Datasheet
164Kb / 1P
   XLR/RCA Adapters, F/M, M/M, F/F, M/F
logo
AVAGO TECHNOLOGIES LIMI...
7272 AVAGO-7272 Datasheet
55Kb / 3P
   Quad Diff erential Line Driver Separate Logic Bias and Driver Bias With Tri-State Outputs
logo
Sanyo Semicon Device
72722PM SANYO-72722PM Datasheet
283Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
72722PM SANYO-72722PM_11 Datasheet
283Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
More results

Similar Description - 72720YV

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72722PM SANYO-LC72722PM_12 Datasheet
174Kb / 18P
   Single-Chip RDS Signal-Processing System IC
LC72722PMS SANYO-LC72722PMS Datasheet
167Kb / 18P
   Single-Chip RDS Signal-Processing System IC
LC72720YV SANYO-LC72720YV Datasheet
173Kb / 18P
   Single-Chip RDS Signal-Processing System IC
LC72720YVS SANYO-LC72720YVS Datasheet
166Kb / 18P
   Single-Chip RDS Signal-Processing System IC
LC72720 SANYO-LC72720 Datasheet
235Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
LC72722 SANYO-LC72722 Datasheet
114Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
LC72720N SANYO-LC72720N Datasheet
214Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
72722PM SANYO-72722PM_11 Datasheet
283Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
logo
ON Semiconductor
LC72720YV ONSEMI-LC72720YV Datasheet
176Kb / 18P
   Signal-Processing System IC
June, 2013
LC72720YVS ONSEMI-LC72720YVS Datasheet
171Kb / 18P
   Signal-Processing System IC
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com