Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LCX244DW Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC74LCX244DW
Description  Low-Voltage CMOS Octal Buffer With 5V-Tolerant Inputs and Outputs(3-State, Non-Inverting)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74LCX244DW Datasheet(HTML) 1 Page - Motorola, Inc

  MC74LCX244DW Datasheet HTML 1Page - Motorola, Inc MC74LCX244DW Datasheet HTML 2Page - Motorola, Inc MC74LCX244DW Datasheet HTML 3Page - Motorola, Inc MC74LCX244DW Datasheet HTML 4Page - Motorola, Inc MC74LCX244DW Datasheet HTML 5Page - Motorola, Inc MC74LCX244DW Datasheet HTML 6Page - Motorola, Inc MC74LCX244DW Datasheet HTML 7Page - Motorola, Inc MC74LCX244DW Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 3
© Motorola, Inc. 1996
9/95
Low-Voltage CMOS Octal
Buffer
With 5V-Tolerant Inputs and Outputs
(3-State, Non-Inverting)
The MC74LCX244 is a high performance, non–inverting octal buffer
operating from a 2.7 to 3.6V supply. High impedance TTL compatible
inputs significantly reduce current loading to input drivers while TTL
compatible outputs offer improved switching noise performance. A VI
specification of 5.5V allows MC74LCX244 inputs to be safely driven from
5V devices. The MC74LCX244 is suitable for memory address driving
and all TTL level bus oriented transceiver applications.
Current drive capability is 24mA at the outputs. The Output Enable
(OE) input, when HIGH, disables the output by placing them in a HIGH Z
condition.
Designed for 2.7 to 3.6V VCC Operation
5V Tolerant — Interface Capability With 5V TTL Logic
Supports Live Insertion and Withdrawal
IOFF Specification Guarantees High Impedance When VCC = 0V
LVTTL Compatible
LVCMOS Compatible
24mA Balanced Output Sink and Source Capability
Near Zero Static Supply Current in All Three Logic States (10µA)
Substantially Reduces System Power Requirements
Latchup Performance Exceeds 500mA
ESD Performance: Human Body Model >2000V; Machine Model >200V
Pinout: 20–Lead (Top View)
19
20
18
17
16
15
14
2
1
34567
VCC
13
8
12
9
11
10
2OE
1O0
2D0
1O1
2D1
1O2
2D2
1O3
2D3
1OE
1D0
2O0
1D1
2O1
1D2
2O2
1D3
2O3
GND
DW SUFFIX
PLASTIC SOIC
CASE 751D–04
DT SUFFIX
PLASTIC TSSOP
CASE 948E–02
20
1
20
1
M SUFFIX
PLASTIC SOIC EIAJ
CASE 967–01
20
1
SD SUFFIX
PLASTIC SSOP
CASE 940C–03
20
1
PIN NAMES
Function
Output Enable Inputs
Data Inputs
3–State Outputs
Pins
nOE
1Dn, 2Dn
1On, 2On
MC74LCX244
LOW–VOLTAGE CMOS
OCTAL BUFFER


Similar Part No. - MC74LCX244DW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX244DW ONSEMI-MC74LCX244DW Datasheet
152Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
1996 REV 3
MC74LCX244DW ONSEMI-MC74LCX244DW Datasheet
96Kb / 9P
   Low?뭋oltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
February, 2007 ??Rev. 7
MC74LCX244DWG ONSEMI-MC74LCX244DWG Datasheet
96Kb / 9P
   Low?뭋oltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
February, 2007 ??Rev. 7
MC74LCX244DWG ONSEMI-MC74LCX244DWG Datasheet
142Kb / 9P
   Low-Voltage CMOS Octal Buffer
July, 2012 ??Rev. 11
MC74LCX244DWG ONSEMI-MC74LCX244DWG Datasheet
113Kb / 10P
   Low-Voltage CMOS Octal Buffer
January, 2016 ??Rev. 19
More results

Similar Description - MC74LCX244DW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LCX541 STMICROELECTRONICS-74LCX541 Datasheet
225Kb / 9P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX540 STMICROELECTRONICS-74LCX540 Datasheet
271Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX244 STMICROELECTRONICS-74LCX244_04 Datasheet
263Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX541 STMICROELECTRONICS-74LCX541_07 Datasheet
295Kb / 17P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX240 STMICROELECTRONICS-74LCX240_04 Datasheet
241Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE INV.) WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX240M STMICROELECTRONICS-74LCX240M Datasheet
187Kb / 9P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE INV) WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX244MTR STMICROELECTRONICS-74LCX244MTR Datasheet
66Kb / 9P
   LOW COLTAGE CMOS OCTAL BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
74LVX541 STMICROELECTRONICS-74LVX541 Datasheet
291Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LCX373 STMICROELECTRONICS-74LCX373 Datasheet
225Kb / 10P
   OCTAL D-TYPE LATCH NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
September 2001
74LCX573 STMICROELECTRONICS-74LCX573_04 Datasheet
276Kb / 13P
   OCTAL D-TYPE LATCH NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com