Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPH3116 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # CPH3116
Description  DC / DC Converter Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH3116 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  CPH3116 Datasheet HTML 1Page - Sanyo Semicon Device CPH3116 Datasheet HTML 2Page - Sanyo Semicon Device CPH3116 Datasheet HTML 3Page - Sanyo Semicon Device CPH3116 Datasheet HTML 4Page - Sanyo Semicon Device CPH3116 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CPH3116 / CPH3216
No.6405-1/5
Applications
Relay drivers, lamp drivers, motor drivers, flash.
Features
Adoption of MBIT processes.
Large current capacitance.
Low collector-to-emitter saturation voltage.
High-speed switching.
Ultrasmall package facilitates miniaturization in end products (mounting height : 0.9mm).
High allowable power dissipation.
( ) : CPH3116
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--50)80
V
Collector-to-Emitter Voltage
VCES
(--50)80
V
Collector-to-Emitter Voltage
VCEO
(--)50
V
Emitter-to-Base Voltage
VEBO
(--)5
V
Collector Current
IC
(--)1.0
A
Collector Current (Pulse)
ICP
(--)3
A
Base Current
IB
(--)200
mA
Collector Dissipation
PC
Mounted on a ceramic board (600mm2!0.8mm)
0.9
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=(--)40V, IE=0
(--)0.1
µA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0
(--)0.1
µA
DC Current Gain
hFE
VCE=(--)2V, IC=(--)100mA
200
560
Marking : CPH3116 : AR, CPH3216 : CR
Continued on next page.
Ordering number : EN6405E
81006EA MS IM / 62504 TS IM TB-00000308 / 83100 TS (KOTO) / 21000 TS (KOTO) TA-2706
SANYO Semiconductors
DATA SHEET
CPH3116 / CPH3216
PNP / NPN Epitaxial Planar Silicon Transistors
DC / DC Converter Applications
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before usingany SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.
http://semicon.sanyo.com/en/network


Similar Part No. - CPH3116

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3116 SANYO-CPH3116 Datasheet
53Kb / 5P
   DC/DC Converter Applications
logo
ON Semiconductor
CPH3116 ONSEMI-CPH3116 Datasheet
631Kb / 7P
   Bipolar Transistor (-)50V, (-)1A, Low VCE(sat), (PNP)NPN Single CPH3
September, 2013
CPH3116-TL-E ONSEMI-CPH3116-TL-E Datasheet
631Kb / 7P
   Bipolar Transistor (-)50V, (-)1A, Low VCE(sat), (PNP)NPN Single CPH3
September, 2013
More results

Similar Description - CPH3116

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FP302 SANYO-FP302 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FP303 SANYO-FP303 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FSS216 SANYO-FSS216 Datasheet
146Kb / 4P
   DC/DC Converter Applications
CPH3206 SANYO-CPH3206 Datasheet
41Kb / 4P
   DC/DC Converter Applications
CPH5501 SANYO-CPH5501 Datasheet
58Kb / 6P
   DC/DC Converter Applications
CPH5704 SANYO-CPH5704 Datasheet
53Kb / 5P
   DC/DC Converter Applications
CPH6501 SANYO-CPH6501 Datasheet
30Kb / 4P
   DC / DC Converter Applications
CPH6801 SANYO-CPH6801 Datasheet
56Kb / 5P
   DC/DC Converter Applications
CPH3109 SANYO-CPH3109 Datasheet
55Kb / 5P
   DC/DC Converter Applications
MCH6103 SANYO-MCH6103 Datasheet
49Kb / 5P
   DC/DC Converter Applications
2SA2044 SANYO-2SA2044 Datasheet
37Kb / 5P
   DC / DC Converter Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com