Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPH3144 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # CPH3144
Description  DC / DC Converter Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH3144 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  CPH3144_11 Datasheet HTML 1Page - Sanyo Semicon Device CPH3144_11 Datasheet HTML 2Page - Sanyo Semicon Device CPH3144_11 Datasheet HTML 3Page - Sanyo Semicon Device CPH3144_11 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CPH3144 / CPH3244
No.8165-1/4
Applications
Relay drivers, lamp drivers, motor drivers, flash.
Features
Adoption of MBIT process.
High current capacitance.
Low collector-to-emitter saturation voltage.
High-speed switching.
Ultrasmall package facilitates miniaturization in end products (mounting height : 0.9mm).
High allowable power dissipation.
Specifications ( ) : CPH3144
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--30)40
V
Collector-to-Emitter Voltage
VCEO
(--)30
V
Emitter-to-Base Voltage
VEBO
(--)5
V
Collector Current
IC
(--)2
A
Collector Current (Pulse)
ICP
(--)5
A
Base Current
IB
(--)400
mA
Collector Dissipation
PC
Mounted on a ceramic board (600mm2
✕0.8mm)
0.9
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=(--)30V, IE=0
(--)0.1
μA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0
(--)0.1
μA
DC Current Gain
hFE
VCE=(--)2V, IC=(--)100mA
200
560
Gain-Bandwidth Product
fT
VCE=(--)10V, IC=(--)300mA
(440)400
MHz
Output Capacitance
Cob
VCB=(--)10V, f=1MHz
(17)12
pF
Marking : CPH3144 : BD, CPH3244 : DP
Continued on next page.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN8165
D2004EA TS IM TB-00000973
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
CPH3144 / CPH3244
PNP / NPN Epitaxial Planar Silicon Transistors
DC / DC Converter Applications


Similar Part No. - CPH3144_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CPH3144-TL-E ONSEMI-CPH3144-TL-E Datasheet
579Kb / 6P
   Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single CPH3
September, 2013
More results

Similar Description - CPH3144_11

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FP302 SANYO-FP302 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FP303 SANYO-FP303 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FSS216 SANYO-FSS216 Datasheet
146Kb / 4P
   DC/DC Converter Applications
CPH3206 SANYO-CPH3206 Datasheet
41Kb / 4P
   DC/DC Converter Applications
CPH5501 SANYO-CPH5501 Datasheet
58Kb / 6P
   DC/DC Converter Applications
CPH5704 SANYO-CPH5704 Datasheet
53Kb / 5P
   DC/DC Converter Applications
CPH6501 SANYO-CPH6501 Datasheet
30Kb / 4P
   DC / DC Converter Applications
CPH6801 SANYO-CPH6801 Datasheet
56Kb / 5P
   DC/DC Converter Applications
CPH3109 SANYO-CPH3109 Datasheet
55Kb / 5P
   DC/DC Converter Applications
MCH6103 SANYO-MCH6103 Datasheet
49Kb / 5P
   DC/DC Converter Applications
2SA2044 SANYO-2SA2044 Datasheet
37Kb / 5P
   DC / DC Converter Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com