Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPH3144 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # CPH3144
Description  DC / DC Converter Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH3144 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  CPH3144 Datasheet HTML 1Page - Sanyo Semicon Device CPH3144 Datasheet HTML 2Page - Sanyo Semicon Device CPH3144 Datasheet HTML 3Page - Sanyo Semicon Device CPH3144 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CPH3144 / CPH3244
No.8165-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=(--)1.5A, IB=(--)75mA
(--170)160
(--260)240
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=(--)1.5A, IB=(--)75mA
(--)0.94
(--)1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=(--)10μA, IE=0
(--30)40
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=(--)1mA, RBE=∞
(--)30
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=(--)10μA, IC=0
(--)5
V
Turn-ON Time
ton
See specified Test Circuit.
(45)40
ns
Storage Time
tstg
See specified Test Circuit.
(200)350
ns
Fall Time
tf
See specified Test Circuit.
(23)30
ns
Package Dimensions
Switching Time Test Circuit
unit : mm
2150A
1 : Base
2 : Emitter
3 : Collector
SANYO : CPH3
0.05
1.9
1
2
3
2.9
0.15
0.4
VR
RB
VCC=12V
VBE= --5V
+
+
50Ω
INPUT
OUTPUT
RL=24Ω
100μF
470μF
PW=20μs
IB1
D.C.≤1%
IB2
IC=20IB1= --20IB2=500mA
For PNP, the polarity is reversed.
IC -- VCE
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
IC -- VBE
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
Base-to-Emitter Voltage, VBE -- V
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
--1.4
--1.6
--1.8
--2.0
0
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
--1.4
--1.6
--1.8
--2.0
IB=0
CPH3144
--4mA
--10mA
--15mA
--8mA
--6mA
--30mA
--20mA
--40mA
--2mA
IT08907
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
IT08908
CPH3244
10mA
15mA
8mA
6mA
4mA
2mA
IB=0
20mA
--0.25
--0.50
--0.75
--1.00
--1.25
--1.50
--1.75
--2.00
0
CPH3144
VCE= --2V
IT08909
0
--0.2
--0.4
--0.6
--0.8
--1.0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
0
IT08910
0
0.2
0.4
0.6
0.8
1.0
CPH3244
VCE=2V


Similar Part No. - CPH3144

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3144 SANYO-CPH3144 Datasheet
44Kb / 4P
   PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
logo
ON Semiconductor
CPH3144 ONSEMI-CPH3144 Datasheet
579Kb / 6P
   Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single CPH3
September, 2013
CPH3144-TL-E ONSEMI-CPH3144-TL-E Datasheet
579Kb / 6P
   Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single CPH3
September, 2013
More results

Similar Description - CPH3144

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FP302 SANYO-FP302 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FP303 SANYO-FP303 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FSS216 SANYO-FSS216 Datasheet
146Kb / 4P
   DC/DC Converter Applications
CPH3206 SANYO-CPH3206 Datasheet
41Kb / 4P
   DC/DC Converter Applications
CPH5501 SANYO-CPH5501 Datasheet
58Kb / 6P
   DC/DC Converter Applications
CPH5704 SANYO-CPH5704 Datasheet
53Kb / 5P
   DC/DC Converter Applications
CPH6501 SANYO-CPH6501 Datasheet
30Kb / 4P
   DC / DC Converter Applications
CPH6801 SANYO-CPH6801 Datasheet
56Kb / 5P
   DC/DC Converter Applications
CPH3109 SANYO-CPH3109 Datasheet
55Kb / 5P
   DC/DC Converter Applications
MCH6103 SANYO-MCH6103 Datasheet
49Kb / 5P
   DC/DC Converter Applications
2SA2044 SANYO-2SA2044 Datasheet
37Kb / 5P
   DC / DC Converter Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com