Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPH5520 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # CPH5520
Description  High-Current Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH5520 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  CPH5520 Datasheet HTML 1Page - Sanyo Semicon Device CPH5520 Datasheet HTML 2Page - Sanyo Semicon Device CPH5520 Datasheet HTML 3Page - Sanyo Semicon Device CPH5520 Datasheet HTML 4Page - Sanyo Semicon Device CPH5520 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CPH5520
No. A0485-4/5
Cob -- VCB
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
Collector-to-Base Voltage, VCB -- V
5
5
7
10
2
3
7
5
--0.1
7 --10
23
5
57 --1.0
23
23
7
f=1MHz
f=1MHz
IT08931
IT08932
3
5
7
10
2
3
5
5
0.1
7 10
23
5
57 1.0
23
23
7
VCE(sat) -- IC
VCE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A
--25
°C
Ta
=75
°C
IC / IB=10
IC / IB=10
IT08933
IT008934
3
2
5
--0.1
7
5
3
2
22
35
7
--0.1
--0.01
3
--1.0
22
35
7
--0.01
25
°C
--25
°C
Ta=75
°C
3
2
5
0.1
7
5
0.01
7
5
3
2
22
35
7
0.1
0.01
3
1.0
22
35
7
3
25°
C
VCE(sat) -- IC
VBE(sat) -- IC
VCE(sat) -- IC
VBE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
IC / IB=20
75°C
Ta= --25°C
IT08937
IT08938
3
2
7
--1.0
--0.01
23
5
7 --0.1
23
2
3
57 --1.0
5
3
25°C
--25
°C
Ta=75
°C
IC / IB=20
IT08935
3
2
5
--0.1
7
--1.0
7
5
3
2
22
35
7
--0.1
--0.01
3
--1.0
22
35
7
--0.01
25°
C
--25
°C
Ta=75
°C
IC / IB=20
IT08936
3
2
5
0.1
0.01
7
5
3
2
22
35
7
0.1
0.01
3
1.0
22
35
7
7
25
°C
IC / IB=20
75°C
Ta= --25°C
3
2
7
0.01
23
5
7
0.1
23
2
3
57
1.0
5
3
25°C
1.0
[PNP]
[NPN]
[PNP]
[NPN]
[PNP]
[NPN]
[PNP]
[NPN]


Similar Part No. - CPH5520

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CPH5520 ONSEMI-CPH5520 Datasheet
349Kb / 8P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat) Complementary Dual CPH5
September, 2013
CPH5520-TL-E ONSEMI-CPH5520-TL-E Datasheet
349Kb / 8P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat) Complementary Dual CPH5
September, 2013
More results

Similar Description - CPH5520

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
   HIGH CURRENT SWITCHING APPLICATIONS
logo
Sanyo Semicon Device
2SA2039 SANYO-2SA2039_12 Datasheet
507Kb / 10P
   High-Current Switching Applications
2SA2124 SANYO-2SA2124_12 Datasheet
423Kb / 7P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC3303Y TOSHIBA-2SC3303Y Datasheet
173Kb / 5P
   High Current Switching Applications
2SA1244 TOSHIBA-2SA1244_10 Datasheet
172Kb / 5P
   High Current Switching Applications
logo
Sanyo Semicon Device
CPH3105 SANYO-CPH3105_05 Datasheet
83Kb / 5P
   High-Current Switching Applications
2SB1123 SANYO-2SB1123_10 Datasheet
105Kb / 5P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC5175 TOSHIBA-2SC5175_04 Datasheet
129Kb / 4P
   High-Current Switching Applications
logo
Sanyo Semicon Device
2SA1706 SANYO-2SA1706 Datasheet
118Kb / 4P
   High-Current Switching Applications
FX510 SANYO-FX510 Datasheet
105Kb / 4P
   High-Current Switching Applications
2SB1269 SANYO-2SB1269 Datasheet
99Kb / 4P
   High-Current Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com