Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQA08TC600 Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # LQA08TC600
Description  600 V, 8 A Q-Series PFC Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LQA08TC600 Datasheet(HTML) 3 Page - Power Integrations, Inc.

  LQA08TC600 Datasheet HTML 1Page - Power Integrations, Inc. LQA08TC600 Datasheet HTML 2Page - Power Integrations, Inc. LQA08TC600 Datasheet HTML 3Page - Power Integrations, Inc. LQA08TC600 Datasheet HTML 4Page - Power Integrations, Inc. LQA08TC600 Datasheet HTML 5Page - Power Integrations, Inc. LQA08TC600 Datasheet HTML 6Page - Power Integrations, Inc. LQA08TC600 Datasheet HTML 7Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Rev 1.6 01/11
www.powerint.com
LQA08TC600
3
Electrical Specifications at TJ= 25 °C (unless otherwise specified)
0
2
4
6
8
10
12
14
16
18
20
0.00.5
1.01.5
2.02.5
3.03.5
4.0
VF (V)
Tj=125C
Tj=25C
Figure 3. Typical I
F vs VF
0
20
40
60
80
100
120
0
20
40
60
80
100
120
140
160
180
VR (V)
Figure 4. Typical C
j vs VR
0
10
20
30
40
50
60
70
80
02
46
8
10
12
14
IF (A)
dI/dt=1000A/us
dI/dt=200A/us
dI/dt=500A/us
Figure 5. Typical Q
RR vs IF at Tj = 125 °C
0
5
10
15
20
25
30
35
02
468
10
12
14
IF (A)
dI/dt=200A/us
dI/dt=1000A/us
dI/dt=500A/us
Figure 6. Typical t
RR vs IF at Tj = 125 °C
0
2
4
6
8
10
12
14
16
18
20
25
50
75
100
125
150
Case Temperature, TC (
oC)
Figure 7. DC Current Derating Curve
0
2
4
6
8
10
12
14
16
18
20
25
50
75
100
125
150
Case Temperature, TC (
oC)
Figure 8. Power Derating Curve


Similar Part No. - LQA08TC600

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LQA03TC600 POWERINT-LQA03TC600 Datasheet
197Kb / 7P
   600 V, 3 A Q-Series PFC Diode
LQA03TC600 POWERINT-LQA03TC600 Datasheet
369Kb / 7P
   600 V, 3 A Q-Series PFC Diode
November 2015
LQA03TC600 POWERINT-LQA03TC600_V01 Datasheet
369Kb / 7P
   600 V, 3 A Q-Series PFC Diode
November 2015
LQA05TC600 POWERINT-LQA05TC600 Datasheet
133Kb / 7P
   600 V, 5 A Q-Series PFC Diode
LQA06T300 POWERINT-LQA06T300 Datasheet
120Kb / 7P
   300 V, 6 A Q-Series Diode
More results

Similar Description - LQA08TC600

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LQA03TC600 POWERINT-LQA03TC600_V01 Datasheet
369Kb / 7P
   600 V, 3 A Q-Series PFC Diode
November 2015
LQA05TC600 POWERINT-LQA05TC600 Datasheet
133Kb / 7P
   600 V, 5 A Q-Series PFC Diode
LQA03TC600 POWERINT-LQA03TC600 Datasheet
197Kb / 7P
   600 V, 3 A Q-Series PFC Diode
QH08TZ600 POWERINT-QH08TZ600 Datasheet
113Kb / 7P
   600 V, 8 A H-Series PFC Diode
QH08TZ600 POWERINT-QH08TZ600_V01 Datasheet
228Kb / 9P
   600 V, 8 A H-Series PFC Diode
November 2015
LXA08T600 POWERINT-LXA08T600 Datasheet
246Kb / 10P
   600 V, 8 A X-Series PFC Diode
LXA08T600 POWERINT-LXA08T600_V01 Datasheet
490Kb / 8P
   600 V, 8 A X-Series PFC Diode
January 2016
QH03TZ600 POWERINT-QH03TZ600 Datasheet
112Kb / 7P
   600 V, 3 A H-Series PFC Diode
LXA03T600 POWERINT-LXA03T600 Datasheet
218Kb / 8P
   600 V, 3 A X-Series PFC Diode
QH05TZ600 POWERINT-QH05TZ600_V01 Datasheet
237Kb / 9P
   600 V, 5 A H-Series PFC Diode
November 2015
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com