Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLM10 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # DLM10
Description  1.0A Ultrahigh-Speed Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DLM10 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  DLM10 Datasheet HTML 1Page - Sanyo Semicon Device DLM10 Datasheet HTML 2Page - Sanyo Semicon Device DLM10 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DLM10
No.2792-2/3
Electrical Characteristics [DLM10E] at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Forward Voltage
VF
IF=1.0A
1.25
V
Reverse Current
IR
VRM=400V
20
µA
Reverse Recovery Time
trr
IFM=1A, --di/dt=50A/µs30
ns
Thermal Resistance (Junction-Ambient)
Rth(j-a)
No heat sink, DLM10 only
115
°C / W
Package Dimensions
unit : mm (typ)
7811-001
0.8
Cathode mark
2.5
IFSM -- n
IO -- Ta
Ambient Temperature, Ta --
°C
Number of Cycles at 50Hz, n
020
40
60
80
100
120
140 150 160
0
0.4
1.2
0.8
1.6
2.0
0
10
20
40
30
IT12981
IT12980
1.0
10
25
37
2
5
37
100
Resistance load
Since wave
50Hz
180
°
60
°
120
°
10mm
L=8mm
θ
360
°
180
°
360
°


Similar Part No. - DLM10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DLM10 SANYO-DLM10 Datasheet
64Kb / 2P
   1.0A Ultrahigh-Speed Rectifier?
logo
Powerbox
DLM10-60 POWERBOX-DLM10-60 Datasheet
169Kb / 3P
   600 WATTS PROGRAMMABLE DC SUPPLY
logo
Dc Components
DLM103A DCCOM-DLM103A Datasheet
107Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES VOLTAGE RANGE - 20 to 40 Volts
DLM103B DCCOM-DLM103B Datasheet
107Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES VOLTAGE RANGE - 20 to 40 Volts
DLM103C DCCOM-DLM103C Datasheet
107Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES VOLTAGE RANGE - 20 to 40 Volts
More results

Similar Description - DLM10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DLM10 SANYO-DLM10 Datasheet
64Kb / 2P
   1.0A Ultrahigh-Speed Rectifier?
DLE30 SANYO-DLE30 Datasheet
71Kb / 3P
   3.0A Ultrahigh-Speed Rectifier?
DLA11C SANYO-DLA11C Datasheet
50Kb / 2P
   1.1A Ultrahigh-Speed Rectifier
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com