Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXA06T600 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # LXA06T600
Description  600 V, 6 A X-Series PFC Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LXA06T600 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  LXA06T600 Datasheet HTML 1Page - Power Integrations, Inc. LXA06T600 Datasheet HTML 2Page - Power Integrations, Inc. LXA06T600 Datasheet HTML 3Page - Power Integrations, Inc. LXA06T600 Datasheet HTML 4Page - Power Integrations, Inc. LXA06T600 Datasheet HTML 5Page - Power Integrations, Inc. LXA06T600 Datasheet HTML 6Page - Power Integrations, Inc. LXA06T600 Datasheet HTML 7Page - Power Integrations, Inc. LXA06T600 Datasheet HTML 8Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.powerint.com
Rev 1.7 01/11
LXA06T600, LXA06B600
2
Electrical Specifications at T
J= 25 °C (unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DC Characteristics
IR
Reverse current
VR = 600V, TJ = 25 °C
-
-
250
µA
VR = 600V, TJ = 125 °C
-
0.7
-
mA
VF
Forward voltage
IF = 6A, TJ = 25 °C
-
2.27
2.94
V
IF = 6A, TJ = 150 °C
-
2.0
-
V
CJ
Junction capacitance
VR = 10V, 1 MHz
-
30
-
pF
Dynamic Characteristics
tRR
TJ=25 °C
-
23
-
ns
Reverse recovery time
dI/dt =200 A/
µs
VR=400 V, IF=6 A
TJ=125 °C
-
32
-
ns
QRR
TJ=25 °C
-
30
47
nC
Reverse recovery charge
dI/dt =200 A/
µs
VR=400 V, IF=6 A
TJ =125 °C
-
71
-
nC
IRRM
TJ =25 °C
-
2.0
2.5
A
Maximum reverse
recovery current
dI/dt =200 A/
µs
VR=400 V, IF=6 A
TJ=125 °C
-
3.1
-
A
S
TJ =25 °C
-
0.8
-
Softness factor =
a
b
t
t
dI/dt =200 A/
µs
VR=400 V, IF=6 A
TJ=125 °C
-
0.7
-
Note to component engineers: X-Series diodes employ Schottky technologies in their design and construction.
Therefore, Component Engineers should plan their test setups to be similar to those for traditional Schottky test setups.
(For additional details, see Application Note AN-300.)
Figure 1. Reverse Recovery Definitions
Figure 2. Reverse Recovery Test Circuit
Pulse generator
Rg
Q1
VR
+
15V
D1
DUT
L1
IF
dIF/dt
IRRM
tRR
tb
ta
0
0.1xIRRM


Similar Part No. - LXA06T600

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LXA06T600 POWERINT-LXA06T600 Datasheet
315Kb / 8P
   600 V, 6 A X-Series PFC Diode
November 2013
LXA06T600 POWERINT-LXA06T600_V01 Datasheet
315Kb / 8P
   600 V, 6 A X-Series PFC Diode
November 2013
More results

Similar Description - LXA06T600

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LXA06T600 POWERINT-LXA06T600_V01 Datasheet
315Kb / 8P
   600 V, 6 A X-Series PFC Diode
November 2013
LXA03T600 POWERINT-LXA03T600 Datasheet
218Kb / 8P
   600 V, 3 A X-Series PFC Diode
LXA08T600 POWERINT-LXA08T600 Datasheet
246Kb / 10P
   600 V, 8 A X-Series PFC Diode
LXA04T600 POWERINT-LXA04T600_V01 Datasheet
277Kb / 8P
   600 V, 4 A X-Series PFC Diode
LXA20T600 POWERINT-LXA20T600_V01 Datasheet
355Kb / 7P
   600 V, 20 A X-Series PFC Diode
June 2015
LXA15T600 POWERINT-LXA15T600 Datasheet
123Kb / 7P
   600 V, 15 A X-Series PFC Diode
LXA20T600 POWERINT-LXA20T600 Datasheet
116Kb / 7P
   600 V, 20 A X-Series PFC Diode
LXA10T600 POWERINT-LXA10T600 Datasheet
158Kb / 9P
   600 V, 10 A X-Series PFC Diode
LXA03T600 POWERINT-LXA03T600_V01 Datasheet
288Kb / 8P
   600 V, 3 A X-Series PFC Diode
November 2013
LXA08T600 POWERINT-LXA08T600_V01 Datasheet
490Kb / 8P
   600 V, 8 A X-Series PFC Diode
January 2016
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com