Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA4425A Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LA4425A
Description  For Car Radio and Car Stereo 5W Power Amplifier with Very Few External Parts
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4425A Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA4425A_07 Datasheet HTML 1Page - Sanyo Semicon Device LA4425A_07 Datasheet HTML 2Page - Sanyo Semicon Device LA4425A_07 Datasheet HTML 3Page - Sanyo Semicon Device LA4425A_07 Datasheet HTML 4Page - Sanyo Semicon Device LA4425A_07 Datasheet HTML 5Page - Sanyo Semicon Device LA4425A_07 Datasheet HTML 6Page - Sanyo Semicon Device LA4425A_07 Datasheet HTML 7Page - Sanyo Semicon Device LA4425A_07 Datasheet HTML 8Page - Sanyo Semicon Device LA4425A_07 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LA4425A
No.A0195-3/9
Ci 2.2
µF
1000
µF
+
+
+
Co 1000
µF
1
2
3
4
5
VCC 13.2V
speaker
4
LA4425A
Sample Application Circuit
• On-chip overvoltage protection
• On-chip thermal protection
• On-chip pop noise reducing circuit
• On-chip output D.C. short protection
Pin Voltage at VCC = 13.2V
Characteristics
Input
Small signal
GND
Large signal
GND
Output
VCC
Pin No.
1
2
3
4
5
Pin voltage
(reference value)
(
≈ 2VBE)
1.4V
0V
0V
(
≈ 1/2VCC)
6.5V
(VCC)
13.2V
IC Usage Notes
Maximum ratings
If the IC is used in the vicinity of the maximum ratings, even a slight variation in conditions may cause the maximum
ratings to be exceeded, thereby leading to a breakdown.
Printed circuit board
When drawing the printed circuit pattern, refer to the sample printed circuit pattern. Be careful not to form a feedback
loop between input and output.
Comparison of External Components
External Parts
Our ICs now in use
LA4425A
Output coupling capacitor
Input coupling capacitor
Bootstrap capacitor
-
Feedback capacitor
-
Filter capacitor
-
Phase compensation capacitor
-
Oscillation correction polyester
film capacitor
-
Oscillation correction resistor
-
Total
8 pcs.
2 pcs.
Note: The power supply capacitor is not counted as a power IC part.


Similar Part No. - LA4425A_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LA4425A-E ONSEMI-LA4425A-E Datasheet
103Kb / 9P
   5W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
June, 2013
LA4425AN ONSEMI-LA4425AN Datasheet
98Kb / 10P
   5W Power Amplifier
September 2014 - Rev. 0
LA4425AN-D-E ONSEMI-LA4425AN-D-E Datasheet
98Kb / 10P
   5W Power Amplifier
September 2014 - Rev. 0
logo
Sanyo Semicon Device
LA4425A SANYO-LA4425A_10 Datasheet
138Kb / 9P
   For Car Radio and Car Stereo 5W Power Amplifier with Very Few External Parts
More results

Similar Description - LA4425A_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LA4425A-E ONSEMI-LA4425A-E Datasheet
103Kb / 9P
   5W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
June, 2013
logo
Sanyo Semicon Device
LA4425A SANYO-LA4425A_10 Datasheet
138Kb / 9P
   For Car Radio and Car Stereo 5W Power Amplifier with Very Few External Parts
logo
ON Semiconductor
LA4425F-E ONSEMI-LA4425F-E Datasheet
103Kb / 9P
   5W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
June, 2013
logo
Sanyo Semicon Device
LA4425PV SANYO-LA4425PV Datasheet
369Kb / 8P
   Monolithic Linear IC For Car Radio and Car Stereo 5W Power Amplifier with Very Few External Parts
LA4425A SANYO-LA4425A Datasheet
162Kb / 8P
   5 W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
LA4460N SANYO-LA4460N Datasheet
479Kb / 12P
   12W AF Power Amplifier for Car Radio, Car Stereo
logo
Toshiba Semiconductor
TA7205AP TOSHIBA-TA7205AP Datasheet
414Kb / 5P
   5.8W AUDIO POWER AMPLIFIER FOR CAR-STEREO, CAR-RADIO OUTPUT
logo
Sanyo Semicon Device
LA4460 SANYO-LA4460 Datasheet
478Kb / 5P
   12W AF Power Amplifier For Car Radio or Car Stereo
logo
NTE Electronics
NTE1388 NTE-NTE1388 Datasheet
23Kb / 3P
   Integrated Circuit Audio Power Amplifier, 5.8W, for Car Radio, Car Stereo
logo
Sanyo Semicon Device
LA4485 SANYO-LA4485 Datasheet
497Kb / 20P
   5 W, Two-channel Power Amplifier with Very Few External Parts
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com