Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA4628 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA4628
Description  For General Audio 20W 2-Channel BTL Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4628 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA4628_08 Datasheet HTML 1Page - Sanyo Semicon Device LA4628_08 Datasheet HTML 2Page - Sanyo Semicon Device LA4628_08 Datasheet HTML 3Page - Sanyo Semicon Device LA4628_08 Datasheet HTML 4Page - Sanyo Semicon Device LA4628_08 Datasheet HTML 5Page - Sanyo Semicon Device LA4628_08 Datasheet HTML 6Page - Sanyo Semicon Device LA4628_08 Datasheet HTML 7Page - Sanyo Semicon Device LA4628_08 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LA4628
No.6632-2/8
Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
13.5
V
Recommended load resistance range
RL op
4 to 8
Allowable operating supply voltage range
VCC op
9 to 20
V
Note : With VCC, RL, and the output level in ranges such that the Pd max for the heat sink used is not exceeded.
Electrical Characteristics at Ta = 25
°C, VCC = 13.5V, RL = 4Ω, f = 1kHz, Rg = 600Ω
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Quiescent current
ICCO
With Rg = 0 and RL open.
70
130
250
mA
Standby mode current drain
Ist
Standby mode (amplifier off), with no power
supply capacitor.
10
60
µA
Voltage gain
VG
VO = 0dBm
38
40
42
dB
Total harmonic distortion
THD
PO = 1W, Filter = FLAT
0.06
0.2
%
PO1
VCC = 13.5V, THD = 10%, RL = 4Ω
16
20
W
Output power
PO2
VCC = 16.5V, THD = 10%, RL = 4Ω
30
W
Output offset voltage
VN offset
Rg = 0
-300
+300
mV
Output noise voltage
VNO
Rg = 0, BPF = 20Hz to 20kHz
0.1
0.5
mV
Ripple rejection ratio
SVRR
Rg = 0, VR = 0dBm, fR = 100Hz
40
50
dB
Channel separation
CHsep
Rg = 10k
Ω, VO = 0dBm
50
60
dB
Input resistance
Ri
21
30
39
K
Standby pin applied voltage
VST
Amplifier on
(applied through an external 10k
Ω resistor)
2.5
VCC
V
Package Dimensions
unit : mm (typ)
3113B
0
Pd max -- Ta
-20
35
25
30
15
20
10
5
20
0
40
60
80
100
120
140
160
θf = 3˚C/W
θf = 4˚C/W
θf = 7˚C/W
θjc = 2˚C/W
Νο Fin
θf = 10˚C/W
32.5
20.83
13.9
10.4
3.1
Infinite heat sink
Ambient temperature, Ta -- ˚C
AI heat sink Mounting
torque 39N cm Flat
washer Silicone grease
applied


Similar Part No. - LA4628_08

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4628 SANYO-LA4628 Datasheet
98Kb / 8P
   Two-Channel 20 W BTL Audio Power Amplifier
logo
ON Semiconductor
LA4628 ONSEMI-LA4628 Datasheet
221Kb / 8P
   2-Channel BTL Power Amplifier
May, 2013
More results

Similar Description - LA4628_08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EN6632A ONSEMI-EN6632A Datasheet
221Kb / 8P
   20W 2-Channel BTL Power Amplifier
May, 2013
logo
Sanyo Semicon Device
LA4635A SANYO-LA4635A Datasheet
34Kb / 3P
   For General Audio Use 2-Channel BTL AF Power Amplifier
logo
ON Semiconductor
LA4708N ONSEMI-LA4708N Datasheet
133Kb / 9P
   20W 2-channel BTL AF Power Amplifier for Car Stereo
March, 2014
logo
Toshiba Semiconductor
TA8210AH TOSHIBA-TA8210AH Datasheet
495Kb / 11P
   20W BTL x 2CH AUDIO POWER AMPLIFIER
TA8210AHQ TOSHIBA-TA8210AHQ Datasheet
940Kb / 14P
   20W BTL 횞 2ch Audio Power Amplifier
logo
ON Semiconductor
LA4625-E ONSEMI-LA4625-E Datasheet
200Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
Jan-2011, Rev. 0
LA4625 ONSEMI-LA4625 Datasheet
234Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
May, 2013
logo
Sanyo Semicon Device
LA4636 SANYO-LA4636 Datasheet
28Kb / 3P
   For General Audio Use 11 W 2-Channel BTL AF Power Amplifier
LA4625 SANYO-LA4625_08 Datasheet
146Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
LA4625 SANYO-LA4625_10 Datasheet
146Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com