Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA6339 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA6339
Description  High-Performance Quad Comparator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6339 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA6339_08 Datasheet HTML 1Page - Sanyo Semicon Device LA6339_08 Datasheet HTML 2Page - Sanyo Semicon Device LA6339_08 Datasheet HTML 3Page - Sanyo Semicon Device LA6339_08 Datasheet HTML 4Page - Sanyo Semicon Device LA6339_08 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
52808 MS JK/40500TN (KT)/7087KI/4265MW/2173KI, TS No.994-1/4
LA6339
Overview
The LA6339 is a high-performance quad comparator that is capable of operating from a single power supply over a wide
range of 2V to 36V. Because of its excellent input characteristics and low power, it can be very conveniently applied to
multisignal parallel comparator circuits that require high-density assembly.
Features
• Wide supply voltage range (Single supply : 2.0 to 36.0V, dual supplies : ±1.0 to ±18.0V).
• Wide common-mode input voltage range (0 to VCC–1.5V).
• Open collector output enabling wired OR.
• Small current dissipation (0.8mA/VCC = 5V, RL = ∞) and low power.
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
36
V
Differential input voltage
VID
36
V
Common-mode input voltage
VICM
−0.3 to +36
V
Allowable power dissipation
Pd max
700
mW
Operating temperature
Topr
−30 to +85
°C
Storage temperature
Tstg
−55 to +125
°C
Monolithic Linear IC
High-Performance Quad Comparator
Ordering number : EN994E


Similar Part No. - LA6339_08

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6339M SANYO-LA6339M Datasheet
83Kb / 4P
   High-Performance Quad Comparator
LA6339M SANYO-LA6339M Datasheet
207Kb / 5P
   High-Performance Quad Comparator
LA6339M SANYO-LA6339M_08 Datasheet
207Kb / 5P
   High-Performance Quad Comparator
More results

Similar Description - LA6339_08

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6339 SANYO-LA6339 Datasheet
88Kb / 4P
   High-Performance Quad Comparator
LA6339M SANYO-LA6339M_08 Datasheet
207Kb / 5P
   High-Performance Quad Comparator
LA6339M SANYO-LA6339M Datasheet
83Kb / 4P
   High-Performance Quad Comparator
logo
Renesas Technology Corp
UPC271 RENESAS-UPC271 Datasheet
738Kb / 9P
   High Performance Comparator
Rev.1.00
logo
Linear Technology
RH119 LINER-RH119 Datasheet
161Kb / 4P
   High Performance Dual Comparator
logo
Sanyo Semicon Device
LA6393D SANYO-LA6393D Datasheet
99Kb / 5P
   High-Performance Dual Comparator
LA6393T SANYO-LA6393T Datasheet
161Kb / 5P
   High-Performance Dual Comparator
LA6393M SANYO-LA6393M Datasheet
87Kb / 4P
   High-Performance Dual Comparator
LA6393D SANYO-LA6393D_06 Datasheet
163Kb / 5P
   High-Performance Dual Comparator
LA6393JM SANYO-LA6393JM Datasheet
194Kb / 5P
   High-Performance Dual Comparator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com