Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXA08T600C Datasheet(PDF) 6 Page - Power Integrations, Inc.

Part # LXA08T600C
Description  600 V, 8 A X-Series Common-Cathode Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LXA08T600C Datasheet(HTML) 6 Page - Power Integrations, Inc.

  LXA08T600C Datasheet HTML 1Page - Power Integrations, Inc. LXA08T600C Datasheet HTML 2Page - Power Integrations, Inc. LXA08T600C Datasheet HTML 3Page - Power Integrations, Inc. LXA08T600C Datasheet HTML 4Page - Power Integrations, Inc. LXA08T600C Datasheet HTML 5Page - Power Integrations, Inc. LXA08T600C Datasheet HTML 6Page - Power Integrations, Inc. LXA08T600C Datasheet HTML 7Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.powerint.com
Rev 1.1 01/11
LXA08T600C
6
Revision
Notes
Date
1.0
Released by Qspeed
06/10
1.1
Converted to Power Integrations Document
01/11


Similar Part No. - LXA08T600C

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LXA08T600C POWERINT-LXA08T600C Datasheet
174Kb / 7P
   600 V, 8 A X-Series Common-Cathode Diode
November 2013
LXA08T600C POWERINT-LXA08T600C_V01 Datasheet
174Kb / 7P
   600 V, 8 A X-Series Common-Cathode Diode
November 2013
More results

Similar Description - LXA08T600C

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LXA08T600C POWERINT-LXA08T600C_V01 Datasheet
174Kb / 7P
   600 V, 8 A X-Series Common-Cathode Diode
November 2013
LXA16T600C POWERINT-LXA16T600C_V01 Datasheet
210Kb / 7P
   600 V, 16 A X-Series Common-Cathode Diode
November 2013
LXA12T600C POWERINT-LXA12T600C Datasheet
128Kb / 7P
   600 V, 12 A X-Series Common-Cathode Diode
LXA16T600C POWERINT-LXA16T600C Datasheet
128Kb / 7P
   600 V, 16 A X-Series Common-Cathode Diode
LXA12T600C POWERINT-LXA12T600C_V01 Datasheet
210Kb / 7P
   600 V, 12 A X-Series Common-Cathode Diode
November 2013
LXA08T600 POWERINT-LXA08T600 Datasheet
246Kb / 10P
   600 V, 8 A X-Series PFC Diode
LXA08T600 POWERINT-LXA08T600_V01 Datasheet
490Kb / 8P
   600 V, 8 A X-Series PFC Diode
January 2016
LQA40T200C POWERINT-LQA40T200C Datasheet
663Kb / 8P
   200 V, 40 A Common-Cathode Diode
January 2015
LQA10T200C POWERINT-LQA10T200C Datasheet
647Kb / 8P
   200 V, 10 A Common-Cathode Diode
November 2019
LQA20T150C POWERINT-LQA20T150C Datasheet
550Kb / 8P
   150 V, 20 A Common-Cathode Diode
Dec. 2014
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com