Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA6565 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LA6565
Description  For CD and DVD players 5-channel Driver (BTL:4ch,H-bridge:1ch)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6565 Datasheet(HTML) 6 Page - Sanyo Semicon Device

  LA6565_09 Datasheet HTML 1Page - Sanyo Semicon Device LA6565_09 Datasheet HTML 2Page - Sanyo Semicon Device LA6565_09 Datasheet HTML 3Page - Sanyo Semicon Device LA6565_09 Datasheet HTML 4Page - Sanyo Semicon Device LA6565_09 Datasheet HTML 5Page - Sanyo Semicon Device LA6565_09 Datasheet HTML 6Page - Sanyo Semicon Device LA6565_09 Datasheet HTML 7Page - Sanyo Semicon Device LA6565_09 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LA6565
No.7817-6/8
Pin Description
Pin No.
Pin name
Function
Description
Equivalent circuit
16
17
18
19
20
21
22
23
32
31
26
25
24
VIN1+
VIN1−
VIN1
VIN2+
VIN2−
VIN2
VIN3−
VIN3
VIN4−
VIN4
VIN+OP
VIN−OP
VO_OP
Input
(CH1 to 4)
Inputs (channels 1 to 4 and the
independent operational
amplifier)
VIN*−
VCCS
S-GND
VIN*
VIN*+
300
300
300
1
2
FWD
REV
Input
(H-bridge)
Logic inputs.
The IC is set to one of four modes,
forward, reverse, brake, and free
running by the combination of
high and low values applied to
these pins.
S-GND
FWD
REV
12
13
10
11
8
9
6
7
VO1+
VO1−
VO2+
VO2−
VO3+
VO3−
VO4+
VO4−
Output
(BTL-AMP)
Channel 1 to 4 outputs.
VCCP
FR
VO*
4
5
VLO−
VLO+
Output
(H-bridge)
H-bridge (loading) output.
35
VCONT
Input
Loading output setting.
VCCP2
VLO+
VLO−
S_GND
1k
1k
20k
20k
VCONT
33
34
MUTE234
MUTE1
MUTE
BTL amplifier output ON/OFF
state setting.
High: output ON
Low: output OFF
VCCS
S-GND
MUTE*


Similar Part No. - LA6565_09

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6565VR SANYO-LA6565VR Datasheet
95Kb / 9P
   Monolithic Linear IC Five-Channel CD Actuator Driver (BTL: 4 channels, H bridge: 1 channel)
More results

Similar Description - LA6565_09

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6570 SANYO-LA6570 Datasheet
324Kb / 3P
   Monolithic Linear IC 5CH Driver (BTL : 4CH, H-Bridge : 1CH) for CD
logo
Rohm
BA5815FM ROHM-BA5815FM Datasheet
228Kb / 2P
   5-channel driver for CD/DVD players
BA6796FP ROHM-BA6796FP Datasheet
214Kb / 11P
   5-channel BTL driver for CD players
BA6892FP ROHM-BA6892FP Datasheet
140Kb / 10P
   4-channel H-bridge type BTL driver for CD players
BA6299 ROHM-BA6299 Datasheet
172Kb / 7P
   4-Channel H-bridge type BTL driver for CD players
BA6899AS ROHM-BA6899AS Datasheet
275Kb / 8P
   4-channel H-bridge type BTL driver for CD players
BA6995FP ROHM-BA6995FP Datasheet
160Kb / 8P
   5-channel BTL driver for CD players
BA6795FP ROHM-BA6795FP Datasheet
204Kb / 11P
   5-channel BTL driver for CD players
BA6395AFP ROHM-BA6395AFP Datasheet
186Kb / 10P
   5-channel BTL driver for CD players
logo
Sanyo Semicon Device
LA6563 SANYO-LA6563 Datasheet
321Kb / 3P
   4CH Bridge (BTL) Driver for CD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com