Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXA15T600 Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # LXA15T600
Description  600 V, 15 A X-Series PFC Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LXA15T600 Datasheet(HTML) 3 Page - Power Integrations, Inc.

  LXA15T600 Datasheet HTML 1Page - Power Integrations, Inc. LXA15T600 Datasheet HTML 2Page - Power Integrations, Inc. LXA15T600 Datasheet HTML 3Page - Power Integrations, Inc. LXA15T600 Datasheet HTML 4Page - Power Integrations, Inc. LXA15T600 Datasheet HTML 5Page - Power Integrations, Inc. LXA15T600 Datasheet HTML 6Page - Power Integrations, Inc. LXA15T600 Datasheet HTML 7Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Rev 1.1 01/11
www.powerint.com
LXA15T600
3
Electrical Specifications at TJ= 25 °C (unless otherwise specified)
0
5
10
15
20
25
30
35
40
45
50
0.00.5
1.01.5
2.02.5
3.03.5
4.0
VF (V)
Tj=125C
Tj=25C
Figure 3. Typical I
F vs VF
0
25
50
75
100
125
150
175
200
225
250
0
20
40
60
80
100
120
140
160
180
VR (V)
Figure 4. Typical C
j vs VR
50
75
100
125
150
175
200
225
250
0
5
10
15
20
25
30
35
IF (A)
dIF/dt=200A/us
dIF/dt=500A/us
Figure 5. Typical Q
RR vs IF at TJ = 125 °C
15
20
25
30
35
40
45
50
0
5
10
15
20
25
30
35
IF (A)
dIF/dt=200A/us
dIF/dt=500A/us
Figure 6. Typical t
RR vs IF at TJ = 125 °C
0
5
10
15
20
25
30
35
25
50
75
100
125
150
Case Temperature, TC (
oC)
Figure 7. DC Current Derating Curve
0
10
20
30
40
50
60
70
80
90
100
25
50
75
100
125
150
Case Temperature, TC (
oC)
Figure 8. Power Derating Curve


Similar Part No. - LXA15T600

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LXA15T600 POWERINT-LXA15T600 Datasheet
360Kb / 7P
   600 V, 15 A X-Series PFC Diode
June 2015
LXA15T600 POWERINT-LXA15T600_V01 Datasheet
360Kb / 7P
   600 V, 15 A X-Series PFC Diode
June 2015
More results

Similar Description - LXA15T600

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LXA15T600 POWERINT-LXA15T600_V01 Datasheet
360Kb / 7P
   600 V, 15 A X-Series PFC Diode
June 2015
LXA03T600 POWERINT-LXA03T600 Datasheet
218Kb / 8P
   600 V, 3 A X-Series PFC Diode
LXA08T600 POWERINT-LXA08T600 Datasheet
246Kb / 10P
   600 V, 8 A X-Series PFC Diode
LXA06T600 POWERINT-LXA06T600 Datasheet
244Kb / 8P
   600 V, 6 A X-Series PFC Diode
LXA04T600 POWERINT-LXA04T600_V01 Datasheet
277Kb / 8P
   600 V, 4 A X-Series PFC Diode
LXA20T600 POWERINT-LXA20T600_V01 Datasheet
355Kb / 7P
   600 V, 20 A X-Series PFC Diode
June 2015
LXA20T600 POWERINT-LXA20T600 Datasheet
116Kb / 7P
   600 V, 20 A X-Series PFC Diode
LXA10T600 POWERINT-LXA10T600 Datasheet
158Kb / 9P
   600 V, 10 A X-Series PFC Diode
LXA03T600 POWERINT-LXA03T600_V01 Datasheet
288Kb / 8P
   600 V, 3 A X-Series PFC Diode
November 2013
LXA08T600 POWERINT-LXA08T600_V01 Datasheet
490Kb / 8P
   600 V, 8 A X-Series PFC Diode
January 2016
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com