Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYM36D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BYM36D
Description  Fast Avalanche Sinterglass Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYM36D Datasheet(HTML) 2 Page - Vishay Siliconix

  BYM36D Datasheet HTML 1Page - Vishay Siliconix BYM36D Datasheet HTML 2Page - Vishay Siliconix BYM36D Datasheet HTML 3Page - Vishay Siliconix BYM36D Datasheet HTML 4Page - Vishay Siliconix BYM36D Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BYM36A, BYM36B, BYM36C, BYM36D, BYM36E
Fast Avalanche Sinterglass Diode
Vishay Semiconductors
Document Number: 86012
For technical questions within your region, please contact one of the following:
www.vishay.com
Rev. 1.7, 25-Aug-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
109
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Max. Reverse Power Dissipation vs. Junction Temperature
Fig. 2 - Max. Average Forward Current vs. Ambient Temperature
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 3 A
BYM36A
VF
--
1.6
V
BYM36B
VF
--
1.6
V
BYM36C
VF
--
1.6
V
BYM36D
VF
-
-
1.78
V
BYM36E
VF
-
-
1.78
V
IF = 3 A, Tj= 175 °C
BYM36A
VF
-
-
1.22
V
BYM36B
VF
-
-
1.22
V
BYM36C
VF
-
-
1.22
V
BYM36D
VF
-
-
1.28
V
BYM36E
VF
-
-
1.28
V
Reverse current
VR = VRRM
IR
--
5
μA
VR = VRRM, Tj = 150 °C
IR
-
-
100
μA
Reverse recovery time
IF = 0.5 A, IR = 1 A, iR = 0.25 A
BYM36A
trr
-
-
100
ns
BYM36B
trr
-
-
100
ns
BYM36C
trr
-
-
100
ns
BYM36D
trr
-
-
150
ns
BYM36E
trr
-
-
150
ns
Reverse breakdown voltage
IR = 100 μA
BYM36A
V(BR)R
300
-
-
V
BYM36B
V(BR)R
500
-
-
V
BYM36C
V(BR)R
700
-
-
V
BYM36D
V(BR)R
900
-
-
V
BYM36E
V(BR)R
1100
-
-
V
0
100
500
200
300
400
600
0
40
80
120
160
200
Tj - Junction Temperature (°C)
959705
R
thJA = 25 K/W
1000 V
800 V
600 V
400 V
200 V
R
thJA = 70 K/W
959706
0
40
80
120
160
200
Tamb - Ambient Temperature (°C)
4
3
2
1
0
V
R = VRRM
half sinewave
R
thJA = 70 K/W
R
thJA = 25 K/W
BYM36A, BYM36B, BYM36C


Similar Part No. - BYM36D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYM36D PHILIPS-BYM36D Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
logo
Vishay Siliconix
BYM36D VISHAY-BYM36D Datasheet
149Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.6, 12-Aug-04
logo
Galaxy Semi-Conductor H...
BYM36D BILIN-BYM36D Datasheet
67Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shenzhen Luguang Electr...
BYM36D LUGUANG-BYM36D Datasheet
172Kb / 2P
   Fast Recovery Rectifiers
logo
Diode Semiconductor Kor...
BYM36D DSK-BYM36D Datasheet
286Kb / 2P
   FAST RECOVERY RECTIFIERS
More results

Similar Description - BYM36D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYW72 VISHAY-BYW72_10 Datasheet
106Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
BYM36 VISHAY-BYM36 Datasheet
149Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.6, 12-Aug-04
BYV37 VISHAY-BYV37_10 Datasheet
378Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 31-Mar-10
BYV16-TAP VISHAY-BYV16-TAP Datasheet
130Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
BY203-20S-TR VISHAY-BY203-20S-TR Datasheet
128Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.9, 12-Sep-12
BYV38-TAP VISHAY-BYV38-TAP Datasheet
123Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
logo
New Jersey Semi-Conduct...
BY268 NJSEMI-BY268 Datasheet
128Kb / 2P
   Fast Avalanche Sinterglass Diode
logo
Vishay Siliconix
BY203-20STAP VISHAY-BY203-20STAP Datasheet
123Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.9, 12-Sep-12
BY268 VISHAY-BY268_V01 Datasheet
136Kb / 4P
   Fast Avalanche Sinterglass Diode
01-Jan-2022
BYV12 VISHAY-BYV12_10 Datasheet
452Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 30-Jul-10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com