Selected language     English  ▼


LA7161BM Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part No. LA7161BM
Description  VHF Band RF Modulator (US3, 4ch, JPN1, 2ch,TWN13ch compatible)
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 4 page
background image
LA7161BM/BV
No.A0006-4/8
Pin Equivalent Circuit
Pin No.
Symbol
Voltage
Equivalent circuit
Remarks
1
P/S
ADJ
2.7
Capacitor and additionally a resistor may be inserted
between the circuit and GND to attenuate the audio
inter-carrier level.
2
AUDIO
IN
0
FM audio input
3
FM
LPF
2.2
Control pin of output FM oscillator for the PLL phase
detector charge pump.
4
GND
0
5
VIDEO
IN
2.6
Video input
Clamped with sink chip
6
CARR
OFF
-
Hi:14PIN Hi RF Operating
Lo:14PIN Lo RF Stop
Continued on next page.
1
10k
500
2k
20pF
100k
3k
2
1k
1k
3
2.2V
1k
500
100
5
6
100k
25k
20k




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl