Selected language     English  ▼


LA7161BM Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part No. LA7161BM
Description  VHF Band RF Modulator (US3, 4ch, JPN1, 2ch,TWN13ch compatible)
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 6 page
background image
LA7161BM/BV
No.A0006-6/8
Continued from preceding page.
Pin No.
Symbol
Voltage
Equivalent circuit
Remarks
13
ANT
DRV
3.5
Antena driver pin
15mA drive
14
RF
OUT
3.0
RF mixed signal output
15
REG
3.9
Regulator output
1k
50k
14
100k
15
1.5k
56.6k
25k
16




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl