Selected language     English  ▼


LA7217_11 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part No. LA7217_11
Description  Synchronizing Signal Separator with AFC and Sync Detector
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 2 page
background image
LA7217,LA7217M
No.3804-2/4
Electrical Characteristics at Ta
= 25°C, VCC = 5V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Current drain
ICC
Standard color bar input
4.9
7
9.1
mA
Sync separation minimum input level
VIN min
-15
-11
-8
dB
HD output delay time
tHD
From pin 2 to pin 9
0.1
0.5
0.9
μs
HD output pulse width
tHW
3.6
4.0
4.4
μs
VD output delay time
tVD
From pin 2 to pin 5
9
13
17
μs
VD output pulse width
tVW
0.16
0.21
0.26
ms
Free-running frequency
fO
SW1 off
15.4
15.75
16.1
kHz
Capture range 1
fCH
Judgment by comparison of pin 9 with pin 2
300
500
Hz
Capture range 2
fCL
Judgment by comparison of pin 9 with pin 2
1000
1500
Hz
Sync out, high level voltage
VSH
Level on pin 4
3.9
4.2
V
Sync out, low level voltage
VSL
Level on pin 4
0.8
1.0
V
HD out, high level voltage
VHH
Level on pin 9
3.9
4.2
V
HD out, low level voltage
VHL
Level on pin 9
0.8
1.0
V
VD out, high level voltage
VVH
Level on pin 5
3.9
4.2
V
VD out, low level voltage
VVL
Level on pin 5
0.8
1.0
V
DET out, high level voltage
VDH
4.8
5.0
V
DET out, low level voltage
VDL
SW1 off
0.1
0.3
V
Comparator threshold high level voltage
VTH
SW2-a
2.7
2.95
3.2
V
Comparator threshold low level voltage
VTL
SW2-a
2.4
2.7
3.0
V
Threshold width
VTW
VTH−VTL
0.10
0.22
0.40
V
DET operating current, high level
IDH
SW2-b
40
65
90
μA
DET operating current, high level
IDL
SW2-b
40
65
90
μA
Package Dimensions
unit : mm (typ)
Package Dimensions
unit : mm (typ)
3003B
[LA7217]
3034B
[LA7217M]
SANYO : DIP14(300mil)
1
7
14
8
19.0
(1.88)
2.54
1.2
0.48
SANYO : MFP14(225mil)
1
14
7
8
(1.19)
1.27
0.35
0.15
10.0




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl