Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLC810PG Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # PLC810PG
Description  Continuous Mode PFC & LLC Controller Continuous Mode PFC & LLC Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PLC810PG Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button PLC810PG Datasheet HTML 3Page - Power Integrations, Inc. PLC810PG Datasheet HTML 4Page - Power Integrations, Inc. PLC810PG Datasheet HTML 5Page - Power Integrations, Inc. PLC810PG Datasheet HTML 6Page - Power Integrations, Inc. PLC810PG Datasheet HTML 7Page - Power Integrations, Inc. PLC810PG Datasheet HTML 8Page - Power Integrations, Inc. PLC810PG Datasheet HTML 9Page - Power Integrations, Inc. PLC810PG Datasheet HTML 10Page - Power Integrations, Inc. PLC810PG Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Rev. F 08/09
7
PLC810PG
www.powerint.com
using a resistor connected between the VREF pin and the FMAX
pin using the curve in Figure 15. The resistor on the FMAX pin also
sets the LLC dead time interval (see Figure 14).
The FBL pin provides output voltage regulation. As such the
current entering this pin modulates the switching frequency. More
current forces a higher switching frequency. The FMAX pin sets an
upper limit for the switching frequency to ensure zero voltage
switching. Minimum switching frequency is determined by the
adjusting minimum bias applied to the FBL pin.
If the external feedback circuit attempts to push the LLC controller
to a frequency equal to or higher than the maximum frequency
limit set by the resistor at FMAX pin, the LLC MOSFET gate driver
outputs are turned off until the current into the FBL pin drops
below the FMAX pin current. The gate outputs are turned off
synchronously with the clock for whole cycles.
LLC Soft Start
The LLC controller implements a soft start to prevent excessive
currents during startup, and to prevent overshoot on the output
when the feedback loop comes into operation. The soft start
time is determined by external components on the FBL pin. In
the event of an LLC fault turning off the LLC circuit, the external
circuit is allowed to discharge, initiating a new soft start. When
the soft start signal is asserted, the FBL pin is pulled up to V
REF
(3.3 V), keeping the current applied to the FBL pin to maximum.
During the soft start cycle, the LLC outputs turn on and the
switching frequency slowly decays from its maximum to the
nominal operating point.
LLC Overcurrent Detection (ISL Pin)
Overcurrent in the LLC converter is detected via a sense
resistor in series with the low side of the transformer’s primary
winding. When the overcurrent condition is detected, the LLC
MOSFETS are turned OFF. The overcurrent detection has two
thresholds; fast overcurrent threshold (V
ISL(F)) and slow over-
current threshold (V
ISL(S)). The fast overcurrent threshold is
triggered by abnormally high current. The LLC is shutdown
immediately if the pulse on the ISL pin exceeds this threshold.
The slow overcurrent threshold is lower than the fast over-
current threshold. The slow overcurrent response is triggered
and the LLC is shutdown if the ISL pin voltage exceeds this
threshold for eight consecutive clock cycles.
Typically the (V
ISL(F)) threshold is used to detect catastrophic
failures such as shorted components, while the slow V
ISL(S)
threshold is used to detect overload conditions. This over-
current detection circuit prevents the LLC converter from
operating in the capacitive region of the LLC, thus avoiding
failure of the converter components from overheating.
Other LLC Control Blocks
The non-overlap (dead time) generator creates two non-
overlapping signals with equal on-times to drive the LLC
MOSFETS. The drive signal for the two LLC MOSFETS is
symmetrical with a 50% duty cycle. The dead time block is
used both by the PFC and LLC to control the dead time of the
switching function. The dead time in the PLC810PG is
configurable via the FMAX pin. The dead time allows zero
voltage switching, reducing the body diode losses in the
switching MOSFETs and minimizing the reverse recovery time of
the body diodes.
Start-up
Once the VCC voltages reach the startup voltage (V
UVLO(+)), the
PLC810PG starts switching the PFC MOSFET and the PFC
output ramps to its nominal value. When the PFC boost voltage
(sensed through FBP pin) raises the FBP pin voltage above the
LLC start threshold (V
SD(H)), the LLC circuit is enabled and the
LLC soft start begins.


Similar Part No. - PLC810PG

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
PLC LSTD-PLC Datasheet
428Kb / 1P
   Heavy-duty construction
logo
PHOENIX CONTACT
PLC PHOENIX-PLC Datasheet
189Kb / 3P
   Accessories for the PLC INTERFACE Series
logo
Christian Bürkert GmbH ...
PLC BURKERT-PLC Datasheet
912Kb / 11P
   Pressure transmitter with CANopen interface
18.04.2023
PLC BURKERT-PLC Datasheet
850Kb / 11P
   RTD temperature sensor with CANopen interface
13.09.2022
logo
Qualtek Electronics Cor...
PLC-025 QUALTEK-PLC-025 Datasheet
1Mb / 2P
   25Watts Single Output LED Driver
More results

Similar Description - PLC810PG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28070 TI-UCC28070_15 Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070 TI-UCC28070_08 Datasheet
723Kb / 39P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070-Q1 TI1-UCC28070-Q1 Datasheet
883Kb / 43P
[Old version datasheet]   INTERLEAVING CONTINUOUS CONDUCTION MODE PFC CONTROLLER
UCC28070DWR TI-UCC28070DWR Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
logo
Shindengen Electric Mfg...
MCZ5205SE SHINDENGEN-MCZ5205SE Datasheet
980Kb / 30P
   Transition Mode PFC High Performance Symmetric LLC Controller
logo
ON Semiconductor
NCP1653 ONSEMI-NCP1653 Datasheet
183Kb / 20P
   Compact, Fixed-Frequency, Continuous Conduction Mode PFC Controller
December, 2005 ??Rev. 4
logo
Texas Instruments
UCC28019DRG4 TI-UCC28019DRG4 Datasheet
1,017Kb / 49P
[Old version datasheet]   8-Pin Continuous Conduction Mode (CCM) PFC Controller
UCC28019A TI-UCC28019A Datasheet
1Mb / 47P
[Old version datasheet]   8-Pin Continuous Conduction Mode (CCM) PFC Controller
logo
ON Semiconductor
NCP1653 ONSEMI-NCP1653_07 Datasheet
183Kb / 19P
   Compact, Fixed?묯requency, Continuous Conduction Mode PFC Controller
March, 2007 ??Rev. 6
logo
Texas Instruments
UCC28019 TI1-UCC28019_12 Datasheet
1,017Kb / 49P
[Old version datasheet]   8-Pin Continuous Conduction Mode (CCM) PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com