Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA7567EV Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LA7567EV
Description  TV and VCR VIF/SIF IF Signal-Processing Circuit with PAL/NTSC Multi-Format Audio Support
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7567EV Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LA7567EV Datasheet HTML 5Page - Sanyo Semicon Device LA7567EV Datasheet HTML 6Page - Sanyo Semicon Device LA7567EV Datasheet HTML 7Page - Sanyo Semicon Device LA7567EV Datasheet HTML 8Page - Sanyo Semicon Device LA7567EV Datasheet HTML 9Page - Sanyo Semicon Device LA7567EV Datasheet HTML 10Page - Sanyo Semicon Device LA7567EV Datasheet HTML 11Page - Sanyo Semicon Device LA7567EV Datasheet HTML 12Page - Sanyo Semicon Device LA7567EV Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
V26.V27. VCO Maximum variable range (U, L) . . [dfu, dfl]
(1) Apply the VCC voltage to the external AGC, IF AGC (pin 17).
(2) Pick up the VCO oscillation frequency from the VIDEO output (A), GND, etc. and adjust the VCO coil so coil
that the frequency becomes 38.9MHz.
(3) fl is taken as the frequency when 1V is applied to the APC pin (pin 9). In the same manner,
fu is taken as the frequency when 5V is applied to the APC pin (pin 9).
dfu = fu - 38.9MHz
dfl = fl - 38.9MHz
V28. VCO control sensitivity. . . . . . . . . . . . . . . . . [
β]
(1) Apply the VCC voltage to the external AGC, IF AGC (pin 17).
(2) Pick up the VCO oscillation frequency from the VIDEO output (A), GND, etc. and adjust the VCO coil so that
the frequency becomes 38.9MHz.
(3) f1 is taken as the frequency when 3.0V applied to the APC pin (pin 9). In the same manner,
f2 is taken as the frequency when 3.4V is applied to the APC pin (pin 9).
F1. First SIF conversion gain . . . . . . . . . . . . . . . . [VG]
(1) Internal AGC
(2) fp = 38.9MHz CW; 10mV (VIF input)
fs = 33.4MHz CW; 500
µV (First SIF input) . . . . V1
(3) Detection output level at test point C (Vrms) . . . . V2 (5.5MHz)
(4)
F2. 5.5MHz output level. . . . . . . . . . . . . . . . . . . . . [SO]
(1) Internal AGC
(2) fp = 38.9MHz CW; 10mV (VIF input)
fs = 33.4MHz CW; 10mV (First SIF input) . . . . . . . . . . . . . . . . . V1
(3) Detection output level at test point C (5.5MHz) . . . . . . . . . . . . . . SO(mVrms)
F3. 1st SIF maximum input . . . . . . . . . . . . . . . . . . [Si max]
(1) Internal AGC
(2) fp = 38.9MHz CW; 10mV (VIF input)
fs = 33.4MHz CW; variable (First SIF input)
(3) Input level at which the detection output at test point C (5.5MHz) becomes So
±2dB......Si max
F4. F5. First SIF input resistance, input capacitance . . . . [Ri(SIF1), Ci(SIF1)]
(1) Using an input analyzer, measure Ri and Ci in the input impedance measuring circuit.
No.7779-9/21
LA7567EV
(
)
mV
kHz
400
f1
f2
β
=
dB
V1
V2
20log
VG =


Similar Part No. - LA7567EV

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA75675M-S SANYO-LA75675M-S Datasheet
133Kb / 13P
   VIF/SIF IF Signal-Processing Circuit that Supports NTSC Intercarrier for TV and VCR Products
LA75676M SANYO-LA75676M Datasheet
98Kb / 9P
   For TV and VCR Products IF Signal Processor (VIFSIF)
LA75676V SANYO-LA75676V Datasheet
103Kb / 9P
   For TV and VCR Products IF Signal Processor (VIFSIF)
LA75676V-S SANYO-LA75676V-S Datasheet
161Kb / 13P
   VIF/SIF IF Signal-Processing Circuit for TV and VCR Products
LA75676VA SANYO-LA75676VA Datasheet
99Kb / 10P
   IF Signal Processor (VIFSIF) for TV and VCR Products
More results

Similar Description - LA7567EV

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7567N SANYO-LA7567N Datasheet
277Kb / 14P
   TV and VCR VIF/SIF IF Signal-Processing Circuit with PAL/NTSC Multi-Format Audio Support
LA7566 SANYO-LA7566 Datasheet
234Kb / 11P
   VIF/SIF IF Signal-Processing Circuit with TV/VCR PAL and NTSC Multisound Support
LA7567GM SANYO-LA7567GM Datasheet
185Kb / 14P
   TV and VCR VIF/SIF IF Signal-Processing Circuit with NTSC SPLIT Support
LA75676V-S SANYO-LA75676V-S Datasheet
161Kb / 13P
   VIF/SIF IF Signal-Processing Circuit for TV and VCR Products
LA75710VA SANYO-LA75710VA Datasheet
276Kb / 10P
   Monolithic Linear IC NTSC Support TV and VCR VIF/SIF Signal Processing IC
LA7533 SANYO-LA7533 Datasheet
84Kb / 3P
   IF Signal Processing (VIFSIF) Circuit for TV/VCR Use?
LA75675M-S SANYO-LA75675M-S Datasheet
133Kb / 13P
   VIF/SIF IF Signal-Processing Circuit that Supports NTSC Intercarrier for TV and VCR Products
LA7555 SANYO-LA7555 Datasheet
258Kb / 11P
   IF Signal Processing (VIFSIF) Cricuit for TV/VCR Use
LA7565E SANYO-LA7565E Datasheet
198Kb / 18P
   IF Signal-Processing IC for PAL/NTSC Multi-System Audio TV and VCR Products
LA7565B SANYO-LA7565B Datasheet
322Kb / 16P
   IF Signal-Processing IC for PAL/NTSC Multi-System Audio TV and VCR Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com