Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QH03TZ600 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # QH03TZ600
Description  600 V, 3 A H-Series PFC Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

QH03TZ600 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  QH03TZ600 Datasheet HTML 1Page - Power Integrations, Inc. QH03TZ600 Datasheet HTML 2Page - Power Integrations, Inc. QH03TZ600 Datasheet HTML 3Page - Power Integrations, Inc. QH03TZ600 Datasheet HTML 4Page - Power Integrations, Inc. QH03TZ600 Datasheet HTML 5Page - Power Integrations, Inc. QH03TZ600 Datasheet HTML 6Page - Power Integrations, Inc. QH03TZ600 Datasheet HTML 7Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
QH03TZ600
Qspeed
Family
600 V, 3 A H-Series PFC Diode
www.powerint.com
January 2011
Product Summary
IF(AVG)
3
A
VRRM
600
V
QRR (Typ at 125 °C)
14.8
nC
IRRM (Typ at 125 °C)
1.35
A
Softness tb/ta (Typ at 125 °C)
1.1
AC
TO-220AC
RoHS Compliant
Package uses Lead-free plating and
Green mold compound.
Halogen free per IEC 61249-2-21.
General Description
This device has the lowest QRR of any 600V
Silicon
diode.
Its
recovery
characteristics
increase efficiency, reduce EMI and eliminate
snubbers.
Applications
Power Factor Correction (PFC) Boost Diode
Motor drive circuits
DC-AC Inverters
Features
• Low Q
RR, Low IRRM, Low tRR
• High dI
F/dt capable (1000A/µs)
• Soft recovery
Benefits
• Increases efficiency
• Eliminates need for snubber circuits
• Reduces EMI filter component size & count
• Enables extremely fast switching
Absolute Maximum Ratings
Absolute maximum ratings are the values beyond which the device may be damaged or have its useful life impaired. Functional
operation under these conditions is not implied.
Symbol
Parameter
Conditions
Rating
Units
VRRM
Peak repetitive reverse voltage
600
V
IF(AVG)
Average forward current
TJ = 150 °C, TC = 120°C
3
A
IFSM
Non-repetitive peak surge current
60 Hz, ½ cycle
35
A
IFSM
Non-repetitive peak surge current
½ cycle of t=28 µs Sinusoid, TC=25 °C
350
A
TJ(MAX)
Maximum junction temperature
150
°C
TSTG
Storage temperature
–55 to 150
°C
Lead soldering temperature
Leads at 1.6 mm from case, 10 sec
300
°C
VISOL
Isolation voltage (leads-to-tab)
AC
2500
V
PD
Power dissipation
TC = 25 °C
30.4
W
Thermal Resistance
Symbol
Resistance from:
Conditions
Rating
Units
RθJA
Junction to ambient
TO-220
62
°C/W
RθJC
Junction to case
TO-220
4.1
°C/W
Pin Assignment
NC
C
A


Similar Part No. - QH03TZ600

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
QH03TZ600 POWERINT-QH03TZ600 Datasheet
227Kb / 9P
   600 V, 3 A H-Series PFC Diode
November 2015
QH03TZ600 POWERINT-QH03TZ600_V01 Datasheet
227Kb / 9P
   600 V, 3 A H-Series PFC Diode
November 2015
More results

Similar Description - QH03TZ600

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
QH03TZ600 POWERINT-QH03TZ600_V01 Datasheet
227Kb / 9P
   600 V, 3 A H-Series PFC Diode
November 2015
QH08TZ600 POWERINT-QH08TZ600 Datasheet
113Kb / 7P
   600 V, 8 A H-Series PFC Diode
QH08TZ600 POWERINT-QH08TZ600_V01 Datasheet
228Kb / 9P
   600 V, 8 A H-Series PFC Diode
November 2015
QH05TZ600 POWERINT-QH05TZ600_V01 Datasheet
237Kb / 9P
   600 V, 5 A H-Series PFC Diode
November 2015
QH12TZ600 POWERINT-QH12TZ600 Datasheet
113Kb / 7P
   600 V, 12 A H-Series PFC Diode
QH05TZ600 POWERINT-QH05TZ600 Datasheet
112Kb / 7P
   600 V, 5 A H-Series PFC Diode
QH12TZ600 POWERINT-QH12TZ600_V01 Datasheet
235Kb / 9P
   600 V, 12 A H-Series PFC Diode
November 2015
LQA03TC600 POWERINT-LQA03TC600_V01 Datasheet
369Kb / 7P
   600 V, 3 A Q-Series PFC Diode
November 2015
LXA03T600 POWERINT-LXA03T600 Datasheet
218Kb / 8P
   600 V, 3 A X-Series PFC Diode
LQA03TC600 POWERINT-LQA03TC600 Datasheet
197Kb / 7P
   600 V, 3 A Q-Series PFC Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com