Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYT53F Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BYT53F
Description  Ultra Fast Avalanche Sinterglass Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYT53F Datasheet(HTML) 1 Page - Vishay Siliconix

  BYT53F Datasheet HTML 1Page - Vishay Siliconix BYT53F Datasheet HTML 2Page - Vishay Siliconix BYT53F Datasheet HTML 3Page - Vishay Siliconix BYT53F Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Ultra Fast Avalanche Sinterglass Diode
BYT53A, BYT53B, BYT53C, BYT53D, BYT53F, BYT53G
Vishay Semiconductors
Document Number: 86030
For technical questions within your region, please contact one of the following:
www.vishay.com
Rev. 1.9, 04-Aug-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
MECHANICAL DATA
Case: SOD-57
Terminals: plated axial leads, solderable per MIL-STD-750,
method 2026
Polarity: color band denotes cathode end
Mounting position: any
Weight: approx. 369 mg
FEATURES
• Glass passivated junction
• Hermetically sealed package
• Low reverse current
• Soft recovery characteristics
• Compliant to RoHS directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21
definition
APPLICATIONS
• Very fast rectification and switches
• Switched mode power supplies
• High-frequency inverter circuits
949539
PARTS TABLE
PART
TYPE DIFFERENTIATION
PACKAGE
BYT53A
VR = 50 V; IFAV = 1.9 A
SOD-57
BYT53B
VR = 100 V; IFAV = 1.9 A
SOD-57
BYT53C
VR = 150 V; IFAV = 1.9 A
SOD-57
BYT53D
VR = 200 V; IFAV = 1.9 A
SOD-57
BYT53F
VR = 300 V; IFAV = 1.9 A
SOD-57
BYT53G
VR = 400 V; IFAV = 1.9 A
SOD-57
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
Reverse voltage = repetitive peak
reverse voltage
See electrical characteristics
BYT53A
VR = VRRM
50
V
BYT53B
VR = VRRM
100
V
BYT53C
VR = VRRM
150
V
BYT53D
VR = VRRM
200
V
BYT53F
VR = VRRM
300
V
BYT53G
VR = VRRM
400
V
Peak forward surge current
tp = 10 ms, half sine wave
IFSM
50
A
Average forward current
l = 10 mm, TL = 25 °C
IFAV
1.9
A
Non repetitive reverse avalanche
energy
I(BR)R = 1 A
ER
20
mJ
Junction and storage temperature
range
Tj = Tstg
- 55 to + 175
°C
MAXIMUM THERMAL RESISTANCE (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Junction ambient
Lead length l = 10 mm, TL = constant
RthJA
45
K/W
On PC board with spacing 25 mm
RthJA
100
K/W


Similar Part No. - BYT53F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYT53F VISHAY-BYT53F Datasheet
43Kb / 4P
   Very Fast Silicon Mesa Rectifiers
Rev. 4, 24-Jun-98
BYT53F VISHAY-BYT53F Datasheet
136Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
01-Jan-2022
More results

Similar Description - BYT53F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYV27-600 VISHAY-BYV27-600 Datasheet
115Kb / 4P
   Ultra Fast Avalanche Sinterglass Diode
Rev. 1.6, 04-Aug-10
BYV28-600-TR VISHAY-BYV28-600-TR Datasheet
111Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.7, 04-Sep-12
logo
Digitron Semiconductors
BYV27-50 DIGITRON-BYV27-50 Datasheet
92Kb / 3P
   ULTRA FAST AVALANCHE SINTERGLASS DIODE
logo
Vishay Siliconix
BYV28-50 VISHAY-BYV28-50_V01 Datasheet
126Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
01-Jan-2022
BYV26A VISHAY-BYV26A_15 Datasheet
127Kb / 5P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
BYV27-50 VISHAY-BYV27-50_15 Datasheet
129Kb / 5P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
BYV26E-TR VISHAY-BYV26E-TR Datasheet
121Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
BYV26A VISHAY-BYV26A_10 Datasheet
114Kb / 4P
   Ultra Fast Avalanche Sinterglass Diode
Rev. 1.7, 04-Aug-10
logo
Nanjing International G...
BYV26E DGNJDZ-BYV26E Datasheet
175Kb / 2P
   Ultra Fast Avalanche Sinterglass Diode
logo
Vishay Siliconix
BYT53A VISHAY-BYT53A_V01 Datasheet
136Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
01-Jan-2022
BYV26A VISHAY-BYV26A_V01 Datasheet
134Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
01-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com