Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYV27-600 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BYV27-600
Description  Ultra Fast Avalanche Sinterglass Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYV27-600 Datasheet(HTML) 3 Page - Vishay Siliconix

  BYV27-600 Datasheet HTML 1Page - Vishay Siliconix BYV27-600 Datasheet HTML 2Page - Vishay Siliconix BYV27-600 Datasheet HTML 3Page - Vishay Siliconix BYV27-600 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BYV27-600
Ultra Fast Avalanche Sinterglass
Diode
Vishay Semiconductors
Document Number: 86041
For technical questions within your region, please contact one of the following:
www.vishay.com
Rev. 1.6, 04-Aug-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
Fig. 5 - Typ. Diode Capacitance vs. Reverse Voltage
PACKAGE DIMENSIONS in millimeters (inches): SOD-57
0
10
20
30
40
50
60
70
0.1
1
10
100
VR - Reverse Voltage
14362
f = 1 MHz
20543
26 (1.024) min.
4 (0.157) max.
26 (1.024) min.


Similar Part No. - BYV27-600

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV27-600 PHILIPS-BYV27-600 Datasheet
110Kb / 16P
   Ultra fast low-loss controlled avalanche rectifiers
1997 Nov 24
logo
Galaxy Semi-Conductor H...
BYV27-600 BILIN-BYV27-600 Datasheet
124Kb / 2P
   SUPER FAST RECTIFIER
logo
Gulf Semiconductor
BYV27-600 GULFSEMI-BYV27-600 Datasheet
86Kb / 2P
   SINTERED GLASS JUNCTION ULTRAFAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.6A
logo
Digitron Semiconductors
BYV27-600 DIGITRON-BYV27-600 Datasheet
93Kb / 3P
   ULTRA FAST AVALANCHE SINTERGLASS DIODE
logo
Diode Semiconductor Kor...
BYV27-600 DSK-BYV27-600 Datasheet
323Kb / 2P
   SUPER FAST RECTIFIERS
More results

Similar Description - BYV27-600

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYV28-600-TR VISHAY-BYV28-600-TR Datasheet
111Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.7, 04-Sep-12
logo
Digitron Semiconductors
BYV27-50 DIGITRON-BYV27-50 Datasheet
92Kb / 3P
   ULTRA FAST AVALANCHE SINTERGLASS DIODE
logo
Vishay Siliconix
BYV28-50 VISHAY-BYV28-50_V01 Datasheet
126Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
01-Jan-2022
BYV26A VISHAY-BYV26A_15 Datasheet
127Kb / 5P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
BYV27-50 VISHAY-BYV27-50_15 Datasheet
129Kb / 5P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
BYV26E-TR VISHAY-BYV26E-TR Datasheet
121Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
BYV26A VISHAY-BYV26A_10 Datasheet
114Kb / 4P
   Ultra Fast Avalanche Sinterglass Diode
Rev. 1.7, 04-Aug-10
logo
Nanjing International G...
BYV26E DGNJDZ-BYV26E Datasheet
175Kb / 2P
   Ultra Fast Avalanche Sinterglass Diode
logo
Vishay Siliconix
BYT53A VISHAY-BYT53A_V01 Datasheet
136Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
01-Jan-2022
BYV26A VISHAY-BYV26A_V01 Datasheet
134Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
01-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com