Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LCX2952SD Datasheet(PDF) 5 Page - Motorola, Inc

Part # MC74LCX2952SD
Description  LOW-VOLTAGE CMOS OCTAL REGISTERED TRANSCEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74LCX2952SD Datasheet(HTML) 5 Page - Motorola, Inc

  MC74LCX2952SD Datasheet HTML 1Page - Motorola, Inc MC74LCX2952SD Datasheet HTML 2Page - Motorola, Inc MC74LCX2952SD Datasheet HTML 3Page - Motorola, Inc MC74LCX2952SD Datasheet HTML 4Page - Motorola, Inc MC74LCX2952SD Datasheet HTML 5Page - Motorola, Inc MC74LCX2952SD Datasheet HTML 6Page - Motorola, Inc MC74LCX2952SD Datasheet HTML 7Page - Motorola, Inc MC74LCX2952SD Datasheet HTML 8Page - Motorola, Inc MC74LCX2952SD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MC74LCX2952
LCX DATA
BR1339 — REV 3
5
MOTOROLA
AC CHARACTERISTICS (Note 3.; tR = tF = 2.5ns; CL = 50pF; RL = 500Ω)
Limits
TA = –40°C to +85°C
VCC = 3.0V to 3.6V
VCC = 2.7V
Symbol
Parameter
Waveform
Min
Max
Min
Max
Unit
fmax
Clock Pulse Frequency
3
150
MHz
tPLH
tPHL
Propagation Delay
Clock to Output
1
1.5
1.5
8.0
8.0
1.5
1.5
9.0
9.0
ns
tPZH
tPZL
Output Enable Time to
High and Low Level
2
1.5
1.5
8.0
8.0
1.5
1.5
9.0
9.0
ns
tPHZ
tPLZ
Output Disable Time From
High and Low Level
2
1.5
1.5
6.0
6.0
1.5
1.5
7.0
7.0
ns
ts
Setup Time, HIGH to LOW Data to Clock
3
2.5
2.5
ns
th
Hold Time, HIGH to LOW Data to Clock
3
1.5
1.5
ns
ts
Setup Time, HIGH to LOW CExx to Clock
3
2.5
2.5
ns
th
Hold Time, HIGH to LOW CExx to Clock
3
1.5
1.5
ns
tw
Clock Pulse Width, HIGH or LOW
3
3.3
3.3
ns
tOSHL
tOSLH
Output–to–Output Skew
(Note 4.)
1.0
1.0
ns
3. These AC parameters are preliminary and may be modified prior to release. The maximum AC limits are design targets. Actual performance
will be specified upon completion of characterization.
4. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH–to–LOW (tOSHL) or LOW–to–HIGH (tOSLH); parameter
guaranteed by design.
DYNAMIC SWITCHING CHARACTERISTICS
TA = +25°C
Symbol
Characteristic
Condition
Min
Typ
Max
Unit
VOLP
Dynamic LOW Peak Voltage (Note 5.)
VCC = 3.3V, CL = 50pF, VIH = 3.3V, VIL = 0V
0.8
V
VOLV
Dynamic LOW Valley Voltage (Note 5.)
VCC = 3.3V, CL = 50pF, VIH = 3.3V, VIL = 0V
0.8
V
5. Number of outputs defined as “n”. Measured with “n–1” outputs switching from HIGH–to–LOW or LOW–to–HIGH. The remaining output is
measured in the LOW state.
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Unit
CIN
Input Capacitance
VCC = 3.3V, VI = 0V or VCC
7
pF
CI/O
Input/Output Capacitance
VCC = 3.3V, VI = 0V or VCC
8
pF
CPD
Power Dissipation Capacitance
10MHz, VCC = 3.3V, VI = 0V or VCC
25
pF


Similar Part No. - MC74LCX2952SD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX2245 MOTOROLA-MC74LCX2245 Datasheet
161Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER
MC74LCX2245DT MOTOROLA-MC74LCX2245DT Datasheet
161Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER
MC74LCX2245DW MOTOROLA-MC74LCX2245DW Datasheet
161Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER
MC74LCX2245M MOTOROLA-MC74LCX2245M Datasheet
161Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER
MC74LCX2245SD MOTOROLA-MC74LCX2245SD Datasheet
161Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER
More results

Similar Description - MC74LCX2952SD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX646 MOTOROLA-MC74LCX646 Datasheet
169Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
logo
ON Semiconductor
MC74LCX646 ONSEMI-MC74LCX646 Datasheet
169Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
1996 REV 2
logo
Motorola, Inc
MC74LVQ646 MOTOROLA-MC74LVQ646 Datasheet
230Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
MC74LVQ652 MOTOROLA-MC74LVQ652 Datasheet
244Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER WITH DUAL ENABLE
MC74LCX652 MOTOROLA-MC74LCX652 Datasheet
177Kb / 9P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER WITH DUAL ENABLE
logo
ON Semiconductor
MC74LCX245DTG ONSEMI-MC74LCX245DTG Datasheet
146Kb / 9P
   Low-Voltage CMOS Octal Transceiver
October, 2012 ??Rev. 11
MC74LCX245DWR2G ONSEMI-MC74LCX245DWR2G Datasheet
146Kb / 9P
   Low-Voltage CMOS Octal Transceiver
October, 2012 ??Rev. 11
logo
Motorola, Inc
MC74LCX2245 MOTOROLA-MC74LCX2245 Datasheet
161Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER
MC74LCX245 MOTOROLA-MC74LCX245 Datasheet
157Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER
MC74LVQ245 MOTOROLA-MC74LVQ245 Datasheet
210Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com