Selected language     English  ▼


LA72670BM Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part No. LA72670BM
Description  US multiplex modulation for VCR HiFi Sound Signal Processor
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 7 page
background image
LA72670BM
No.A0644-7/20
Pin Description
DC voltage
Pin
No.
Pin Function Name
AC level
Function
Equivalent circuit
1
77
Line Mute terminal(L)
Line Mute terminal(R)
When the power supply VCC is on, the
switch of Pin 77 and Pin 1 is turned to ON to
reduce the line out noise.
In this case, it is necessary to apply 5 fixed
DC to Pin 5.
10
Pin77
Pin1
DC; 4.2V
2
Output terminal
for RF modulator
AC; -9.5dBV
Output terminal for RF modulator.
ALC level can be settled to -1dBV and -5dBV
by serial control.
300k
10k
MUTE
3
VCC 9V
Power supply of Line Out.
5
ALWAYS VCC
Power supply for the noise elimination mute
control when power is on.
15
VCC 5V(Lch)
5V power supply of Lch.
32
VCC 5V
5V power supply of HEAD AMP.
36
Power supply for Logic
Power supply for Logic.
46
VCC 5V(Rch)
5V power supply of Rch.
54
9V power supply for
MTS
9V power supply of MTS.
DC; 2.5V
4
NORMAL input
terminal
AC; -21.2dBV
NORMAL IC output signal is entered and
output to Line Out through output changeover.
G4D7/0:0dB
1:3dB
500
Vref
DC; 2.5V
6
NORMAL output
terminal
AC; -21.2dBv
This is connected to input of NORMAL
AUDIO IC.
200
DC ; 0V
7
9
11
69
71
73
Audio input terminal
EXT1_IN(L)
EXT2_IN(L)
EXT3_IN(L)
EXT1_IN(R)
EXT2_IN(R)
EXT3_IN(R)
AC; -28.2dBV
Audio input terminal.
500
Continued on next page.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl