Selected language     English  ▼


LA72670BM Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part No. LA72670BM
Description  US multiplex modulation for VCR HiFi Sound Signal Processor
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 8 page
background image
LA72670BM
No.A0644-8/20
Continued from preceding page.
DC voltage
Pin
No.
Pin Function Name
AC level
Function
Equivalent circuit
8
ALC detection terminal
for RF converter
DC;
This is ALC detector terminal for RF
converter and always ready for operation.
2k
10
25
35
50
70
79
L-GND
HEADAMP-GND
LOGIC-GND
R-GND
MTS-GND
AUDIO-GND
DC ; 2.5V
12
74
BS monitor input
terminal(L)
BS monitor input
terminal(R)
AC; -21.2dBv
BS monitor input terminal
200
Vref
DC ; 2.2V
13
48
Input changeover
switch output(L)
Input changeover
switch output(L)
AC; -21.2dBv
PB/REC switch output to transform REC and
PB signals into DC through a coupling
capacitor.
REC:ON
PB:ON
400
DC ; 2.5V
14
47
HiFi input terminal(L)
HiFi input terminal(R)
AC; -21.2dBv
HiFi input terminal after passing through a
coupling capacitor.
REC:ON
PB:ON
200
Vref
16
1/2 VCC terminal
DC; 2.5V
1/2 VCC terminal.
Serially-set reset is made with the external
capacitance C and internal resistance R (15k
Ω)
at rise of power supply. The reset time t is
expressed as follows: t = -CRln(0.2)
500
500
Continued on next page.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl