Selected language     English  ▼


LA72670BM Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part No. LA72670BM
Description  US multiplex modulation for VCR HiFi Sound Signal Processor
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 10 page
background image
LA72670BM
No.A0644-10/20
Continued from preceding page.
DC voltage
Pin
No.
Pin Function Name
AC level
Function
Equivalent circuit
24
27
HEAD AMP input
terminal
(Hch)
HEAD AMP input
terminal
(Lch)
DC
PB; 2.0V
REC; 4.1V
It becomes HEAD AMP input in PB mode.
Hch is Pin24, and Lch is Pin 27.
And, it becomes supply source of REC
current in REC mode.
REC-
ON
PB-ON
DC; 4.1V
26
REC CURRENT AMP
output terminal
AC; 2.1Vp-p
CURRENT AMP output in REC mode.
Common input terminal in PB mode.
VCC5V
REC-ON
PB-ON
DC; 2.4V
28
CURRENT AMP
ADJUST terminal
AC:1.3Vp-p
(L/R_MIX)
Terminal for adjusting the recording current.
400
Pin28
29
SAP detection terminal
DC ;
Filter terminal in the SPA detector circuit.
1k
2k
30
HiFi/NORMAL
detection terminal
DC:
Nor; 2.5V or
more
HiFi; 2.2V or
less
This terminal is for detecting
demodulation noise and output which has
passed through the primary
HPF(fc=140kHz).
200
Pin30
Continued on next page.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl