Selected language     English  ▼


LA72670BM Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part No. LA72670BM
Description  US multiplex modulation for VCR HiFi Sound Signal Processor
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 11 page
background image
LA72670BM
No.A0644-11/20
Continued from preceding page.
DC voltage
Pin
No.
Pin Function Name
AC level
Function
Equivalent circuit
DC ; 2.5V
31
Monitor terminal
AC;
800mVp-p
(L/R MIX)
FM MIX output(Low), Lch VCO(middle), Rch
VCO(High) can be monitored by controlling
Pin 23 in REC mode.
HOLD and DO pulses can be monitored by
Pin 17 in PB mode. BPF of Lch and Rch can
be monitored by serial control
in PB mode (Pin 17 = 2.5V).
REC-ON
500
500
30k
DC; 2.5V
33
PB AMP output
AC;
100mVp-p to
600mVp-p
Output of HEAD AMP in PB mode.
100
DC; OPEN
34
PB FM input terminal
AC;
100mVp-p to
600mVp-p
(L/R MIX)
Input pin of FM in PB mode.
30pF
30pF
Vref
2.5V Vref
37
Serial data input
terminal
5V
0V
Hi ; 3.5V to 5V
Low ; 0V to 1.5V
500
ON
at ACK
38
CLK input terminal
5V
0V
Hi ; 3.5V to 5V
Low ; 0V to 1.5V
500
Continued on next page.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl