Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA72670BM Datasheet(PDF) 17 Page - Sanyo Semicon Device

Part # LA72670BM
Description  US multiplex modulation for VCR HiFi Sound Signal Processor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA72670BM Datasheet(HTML) 17 Page - Sanyo Semicon Device

Back Button LA72670BM Datasheet HTML 12Page - Sanyo Semicon Device LA72670BM Datasheet HTML 13Page - Sanyo Semicon Device LA72670BM Datasheet HTML 14Page - Sanyo Semicon Device LA72670BM Datasheet HTML 15Page - Sanyo Semicon Device LA72670BM Datasheet HTML 16Page - Sanyo Semicon Device LA72670BM Datasheet HTML 17Page - Sanyo Semicon Device LA72670BM Datasheet HTML 18Page - Sanyo Semicon Device LA72670BM Datasheet HTML 19Page - Sanyo Semicon Device LA72670BM Datasheet HTML 20Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LA72670BM
PS No.A0644-17/20
(US) MULTIPLEX SERIAL MODE
SERIAL SETTING
SUB ADDRESS
TUNER OUT
(HiFi input source : Tuner Mode)
SIGNAL
D8
ST/SAP
D7
L+R/SAP
D6
Forced MONO
Tuner Lch
(Pin13)
Tuner Rch
(Pin48)
MODE
MODE-OUT
(Pin51)
1
0
0
SAP
SAP
SAP
0
*
0
L
R
STEREO
1
1
0
L+R
SAP
MULTI
STEREO+SAP
*
*
1
L+R
L+R
MONO
TYP 3.8V
*
*
0
L
R
STEREO
STEREO
*
*
1
L+R
L+R
MONO
TYP 3.0V
1
0
0
SAP
SAP
SAP
1
1
0
L+R
SAP
MULTI
0
*
0
L+R
L+R
MONO
MONO+SAP
*
*
1
L+R
L+R
MONO
TYP 2.0V
MONO
*
*
*
L+R
L+R
MONO
TYP 1.0V
Output selecting switch mode table
Sub
address
0 3
0 2
Data
byte
D3
D6
D4
D3
D2
D1
Line out
Lch
Line out
Rch
RF MOD OUT
Through
Monitor
Through
Monitor
RF MOD SW
1
*
0
0
0
0
0
HiFi L
HiFi R
HiFi L+HiFi R
OFF
OFF
2
*
0
0
0
0
1
HiFi L
HiFi L
HiFi L
OFF
OFF
3
*
0
0
0
1
0
HiFi R
HiFi R
HiFi R
OFF
OFF
4
*
0
0
1
0
0
MIX L
MIX R
MIXL+MIXR
OFF
OFF
5
*
0
0
1
0
1
MIX L
MIX L
MIX L
OFF
OFF
6
*
0
0
1
1
0
MIX R
MIX R
MIX R
OFF
OFF
7
*
0
1
0
0
0
NORMAL
NORMAL
NORMAL
OFF
OFF
8
*
0
1
0
0
1
NORMAL
NORMAL
NORMAL
OFF
OFF
9
*
0
1
0
1
0
NORMAL
NORMAL
NORMAL
OFF
OFF
10
0
1
*
*
0
0
BS L
BS R
BS L+BS R
BS
ON
11
0
1
*
*
0
1
BS L
BS L
BS L
BS
ON
12
0
1
*
*
1
0
BS R
BS R
BS R
BS
ON
13
1
1
0
0
0
0
BS L
BS R
HiFi L+HiFi R
BS
OFF
14
1
1
0
0
0
1
BS L
BS R
HiFi L
BS
OFF
15
1
1
0
0
1
0
BS L
BS R
HiFi R
BS
OFF
1. * is option.(1 or 0)
2. MIX L=HiFi L+NORMAL, MIX R=HiFi R+NORMAL
Through_Monitor SW Table
G2D6
G3D3
G1D1
G2D4D3
LINE(L)
LINE(R)
RFC_OUT
1
0
-
00
Monitor(L)
Monitor(R)
Monitor_MIX
1
1
-
00
Monitor(L)
Monitor(R)
INSEL_MIX
0
1
-
00
INSEL(L)
INSEL(R)
INSEL_MIX
EE_MODE
0
0
-
00
INSEL(L)
INSEL(R)
INSEL_MIX
1
0
-
00
Monitor(L)
Monitor(R)
Monitor_MIX
1
1
-
00
Monitor(L)
Monitor(R)
PB_MIX
0
1
-
00
PB(L)
PB(R)
PB_MIX
PB_MODE
HiFi_Tape
0
0
-
00
PB(L)
PB(R)
PB_MIX
1
0
0
00
Nor
Nor
Nor
1
1
0
00
Monitor(L)
Monitor(R)
Nor
0
1
0
00
Nor
Nor
Nor
0
0
0
00
Nor
Nor
Nor
PB_MODE
Nor_Tape
1
0
1
00
Monitor(L)
Monitor(R)
Monitor_MIX
Note: When output Monitor to RFC_OUT at Nor_Tape replayed (G2D6:1,G3D3:0), Set G1D1(HiFi auto Distinction) to 1 and select G2D4D3:00 (HiFi).


Similar Part No. - LA72670BM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA72648M SANYO-LA72648M Datasheet
461Kb / 2P
   PAL Hi-Fi Audio Signal Record and Playback Procissing
LA72648M SANYO-LA72648M Datasheet
152Kb / 2P
   PAL Hi-Fi Audio Signal Record
LA72648M SANYO-LA72648M Datasheet
152Kb / 2P
   PAL Hi-Fi Audio Signal Record and Playback Processing
LA72648M SANYO-LA72648M_06 Datasheet
152Kb / 2P
   PAL Hi-Fi Audio Signal Record
LA72648M SANYO-LA72648M_07 Datasheet
152Kb / 2P
   PAL Hi-Fi Audio Signal Record and Playback Processing
More results

Similar Description - LA72670BM

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN3672NFBP PANASONIC-AN3672NFBP Datasheet
229Kb / 29P
   Audio signal processor IC for HiFi VCR incorporating EIAJ sound multiplex system
logo
Sanyo Semicon Device
LA72680M SANYO-LA72680M Datasheet
329Kb / 21P
   JAPAN TV Sound Multiplex Demodulation HiFi Sound Signal Processor
logo
NEC
UPC1391H NEC-UPC1391H Datasheet
269Kb / 4P
   SOUND IF PROCESSOR FOR AUDIO MULTIPLEX TV
logo
Panasonic Semiconductor
AN3664NFB PANASONIC-AN3664NFB Datasheet
192Kb / 22P
   Single chip audio signal processing IC for HiFi VCR
AN3969K PANASONIC-AN3969K Datasheet
83Kb / 9P
   Electronic volume IC for HiFi VCR
AN3248NK PANASONIC-AN3248NK Datasheet
68Kb / 1P
   Luminance signal processor ic for vcr
logo
NTE Electronics
NTE1813 NTE-NTE1813 Datasheet
25Kb / 2P
   Integrated Circuit Color Signal Processor for VCR
logo
Sanyo Semicon Device
LA70100M SANYO-LA70100M_06 Datasheet
285Kb / 16P
   SECAM Chroma-Signal Processor IC for VCR
LA70100M SANYO-LA70100M_07 Datasheet
285Kb / 16P
   SECAM Chroma-Signal Processor IC for VCR
LA70100M SANYO-LA70100M Datasheet
612Kb / 16P
   SECAM CHROMA- SIGNAL PROCESSOR IC FOR VCR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com