Selected language     English  ▼


LA72680M Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part No. LA72680M
Description  JAPAN TV Sound Multiplex Demodulation HiFi Sound Signal Processor
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 8 page
background image
LA72680M
No.7955-8/21
Continued from preceding page.
DC voltage
Pin
No.
Pin Function Name
AC level
Function
Equivalent circuit
8
ALC detection terminal
for RF converter
DC;
This is ALC detector terminal for RF
converter and always ready for operation.
2k
10
25
35
50
70
79
L-GND
HEADAMP-GND
LOGIC-GND
R-GND
MTS-GND
AUDIO-GND
12
74
Monitor input
terminal(L)
Monitor input
terminal(R)
DC ; 2.5V
Monitor input terminal
200
Vref
DC ; 2.2V
13
48
Input changeover
switch output(L)
Input changeover
switch output(L)
AC; -21.2dBv
PB/REC switch output to transform REC and
PB signals into DC through a coupling
capacitor.
REC:ON
PB:ON
400
DC; 2.5V
14
47
ALC input terminal(L)
ALC input terminal(R)
AC; -21dBv
ALC input terminal after passing through a
coupling capacitor.
REC:ON
PB:ON
400
Vref
16
1/2 VCC terminal
DC; 2.5V
1/2 VCC terminal.
500
500
Continued on next page.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl