Selected language     English  ▼


LA72680M Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part No. LA72680M
Description  JAPAN TV Sound Multiplex Demodulation HiFi Sound Signal Processor
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 10 page
background image
LA72680M
No.7955-10/21
Continued from preceding page.
DC voltage
Pin
No.
Pin Function Name
AC level
Function
Equivalent circuit
24
27
HEAD AMP input
terminal
(Hch)
HEAD AMP input
terminal
(Lch)
DC
PB; 2.0V
REC; 4.1V
HEAD AMP inputs (CH1 and CH2) is PB
mode.
REC-
ON
PB-ON
26
REC CURRENT AMP
output terminal
CURRENT AMP output in REC mode.
Common input terminal in PB mode.
VCC5V
REC-ON
PB-ON
28
CURRENT AMP
ADJUST terminal
DC; 2.4V
Terminal for adjusting the recording current.
400
Pin28
29
ALC detection terminal
This is ALC detector terminal.
ALC becomes through switch when Pin29
pull up VCC.
1k
2k
30
HiFi/NORMAL
detection terminal
This terminal is for detecting
demodulation noise and output which has
passed through the primary
HPF(fc=140kHz).
200
Pin30
Continued on next page.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl