Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA72680M Datasheet(PDF) 20 Page - Sanyo Semicon Device

Part # LA72680M
Description  JAPAN TV Sound Multiplex Demodulation HiFi Sound Signal Processor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA72680M Datasheet(HTML) 20 Page - Sanyo Semicon Device

Back Button LA72680M Datasheet HTML 13Page - Sanyo Semicon Device LA72680M Datasheet HTML 14Page - Sanyo Semicon Device LA72680M Datasheet HTML 15Page - Sanyo Semicon Device LA72680M Datasheet HTML 16Page - Sanyo Semicon Device LA72680M Datasheet HTML 17Page - Sanyo Semicon Device LA72680M Datasheet HTML 18Page - Sanyo Semicon Device LA72680M Datasheet HTML 19Page - Sanyo Semicon Device LA72680M Datasheet HTML 20Page - Sanyo Semicon Device LA72680M Datasheet HTML 21Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
LA72680M
PS No.7955-20/21
I
2C BUS serial interface specification
(1) DATA TRANSFER MANUAL
This IC adopts control method(I2C-BUS) with serial data, and controlled by two terminals which called SCL(serial
clock) and SDA (serial data).At first, set up the condition of starting data transfer*1, and after that, input 8 bit data to
SDA terminal with synchronized SCL terminal clock. The order of transferring is first, MSB (the Most Scale of
Bit),and save the order. The 9th bit takes ACK (ACKnowledge) period, during SCL terminal takes “H”, this IC pull
down the SDA terminal. After transferred the necessary data, two terminals lead to set up and of data transfer stop
condition*2, thus the transfer comes to close.
As a part of transfer data write down to internal memory (V latch system), internal control
doesn’t change just after the transfer.
*1 Defined by SCL rise down SDA during ‘H’ period.
*2 Defined by SCL rise up SDA during ‘H’ period.
(2) TRANSFER DATA FORMAT
After transfer start condition, transfers slave address(1110100*) to SDA terminal, next, sub address(0000****),
control data*3, then, stop condition(See figure 1). And this LSI have a auto address increment function, then, next of
slave address transfer, transfer sub address(n)*4, group (n ) data, after that, group (n+1) and so on.
Data works with all of the bit, transfer the stop condition before stop 8bit transfer, and to stop transfer, it will be
canceled only the data of group.
*3 There are 1 to 5 groups.
*4 Pointed date by sub address becomes group No. of next control data.
Fig.1 DATA STRUCTURE “WRITE” mode
START
Condition
Slave
Address
R/W
L
*5
ACK Sub Address(n) ACK Control data(n) ACK
control data(n+1)
ACK ……
STOP condition
*5 It is called R/W bit.
data-1 means data for group-1, data-2 means data for group-2.
(3) INITIALIZE
This IC is initialized for circuit protection.
The initialization period is decided Pin 16 capacity value by internal impedance 15kΩ, and shown with
t = -CR
×Ln(0.2). Data cannot be accepted for this period.
t = 530ms at C = 22
µF, In this case, Please transmit data in consideration of the uneven after about 700ms.


Similar Part No. - LA72680M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA72648M SANYO-LA72648M Datasheet
461Kb / 2P
   PAL Hi-Fi Audio Signal Record and Playback Procissing
LA72648M SANYO-LA72648M Datasheet
152Kb / 2P
   PAL Hi-Fi Audio Signal Record
LA72648M SANYO-LA72648M Datasheet
152Kb / 2P
   PAL Hi-Fi Audio Signal Record and Playback Processing
LA72648M SANYO-LA72648M_06 Datasheet
152Kb / 2P
   PAL Hi-Fi Audio Signal Record
LA72648M SANYO-LA72648M_07 Datasheet
152Kb / 2P
   PAL Hi-Fi Audio Signal Record and Playback Processing
More results

Similar Description - LA72680M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA72670BM SANYO-LA72670BM Datasheet
338Kb / 20P
   US multiplex modulation for VCR HiFi Sound Signal Processor
logo
Panasonic Semiconductor
AN3672NFBP PANASONIC-AN3672NFBP Datasheet
229Kb / 29P
   Audio signal processor IC for HiFi VCR incorporating EIAJ sound multiplex system
logo
NEC
UPC1391H NEC-UPC1391H Datasheet
269Kb / 4P
   SOUND IF PROCESSOR FOR AUDIO MULTIPLEX TV
logo
Panasonic Semiconductor
AN16903A PANASONIC-AN16903A Datasheet
254Kb / 8P
   IC for sound multiplex demodulation in NTSC (Japanese TV mode)
logo
Toshiba Semiconductor
TA1217AN TOSHIBA-TA1217AN Datasheet
716Kb / 19P
   TV-SOUND PROCESSOR
logo
Sony Corporation
CXA1279AS SONY-CXA1279AS Datasheet
212Kb / 12P
   TV SOUND PROCESSOR
CXA1279BS SONY-CXA1279BS Datasheet
184Kb / 15P
   TV SOUND PROCESSOR
logo
Toshiba Semiconductor
TA1304F TOSHIBA-TA1304F Datasheet
315Kb / 31P
   TV-SOUND PROCESSOR
logo
List of Unclassifed Man...
AN5825 ETC1-AN5825 Datasheet
282Kb / 4P
   TV MULTIPLEX SOUND SYSTEM DEMODULATOR
logo
Toshiba Semiconductor
TA1343N TOSHIBA-TA1343N Datasheet
267Kb / 26P
   TV SOUND PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com