Selected language     English  ā–¼


LA72700V Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part No. LA72700V
Description  US MTS (Multi Channel Television Sound) Decoder
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 8 page
background image
LA72700V
No.A0015-8/16
Continued from preceding page.
DC voltage
No.
Pin function
AC level
Input/output form
Reference
13
PC DBXIN
DC: 2.5V
Offset cancel filter
14
PSTSENS
DC: 3.1V
Stereo det sensitivity change
OPEN = default
Insert resistor(30k or over) = Low sensitivity
15
PSAPSENS
DC: 3.1V
SAP detect sensitivity control
OPEN = default
controlled by insert resistor
* see electrical reference
16
PCTNWID
DC: 4.0V
dbx RMS detect(wide band)
17
PCDETWID
DC: 3.8V
dbx wide detect
Continued on next page.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl