Selected language     English  ▼


LA72700V Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. LA72700V
Description  US MTS (Multi Channel Television Sound) Decoder
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 1 page
background image
N2206 / O2505 MS OT B8-8873 No.A0015-1/16
LA72700V
Overview
LA72700V is a US MTS (Multi Channel Television Sound) decoder.
Features
• With SIF circuit, STEREO channel separation is alignment-free.
• Built-in filters are adjustment free.
• SAP output level is selectable 2 levels.
• Included control function for STEREO and SAP detection sensitivity.
Functions
• SIF FM-Demodulator.
• STEREO decoder.
• ALC function is included.
• dbx Noise Reduction system.
• SAP demodulator.
• STEREO detection.
• SAP detection.
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum power supply voltage
VCC max
9.6
V
Allowable power dissipation
Pd max
Ta
≤70°C *
810
mW
Operating temperature
Topr
-10 to +70
°C
Storage temperature
Tstg
-55 to +150
°C
* ON board (114.3
× 76.1 × 1.6 mm Glass Epoxy resin board)
Ordering number : ENA0015
Monolithic Linear IC
US MTS (Multi Channel
Television Sound) Decoder
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before using any SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl