Selected language     English  ā–¼


LA72700V Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part No. LA72700V
Description  US MTS (Multi Channel Television Sound) Decoder
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 11 page
background image
LA72700V
No.A0015-11/16
Continued from preceding page.
DC voltage
No.
Pin function
AC level
Input/output form
Reference
28
PMAIN_IN
DC: 3.5V
AC: 220mVp-p
AC coupling (Input)
29
PMAINOUT
DC: 3.8V
AC: 220mVp-p
AC coupling (Output)
30
PCREG76
DC: 1.2V
Regulator
31
VCC
32
POLED
DC*
* See Mode
table
Mode out
MONO = 0.9V
SAP = 2.0V
STEREO = 3.0V
STEREO+SAP = 3.8V
33
PICLKFSC
DC: 0V
AC*
* 200mVp-p
Recommend
Fsc input
3.579545MHz, 200mVp-p
Continued on next page.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl