Selected language     English  ▼


LA72700V Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part No. LA72700V
Description  US MTS (Multi Channel Television Sound) Decoder
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 3 page
background image
LA72700V
No.A0015-3/16
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
STEREO detection hysteresis
HYST
Input Mod. Difference at Stereo /Except Stereo Det.
* at default condition
10
15
25
%
SAP output level-1
VOSA
Fm = 1kHz, 100% Mod, SAP
Measure OUT (L), OUT
* at bit6 = 0
-7.5
-6.5
-5.5
dBV
SAP output level-2
VOSA2
Fm = 1kHz, 100% Mod, SAP
Measure OUT (L), OUT
* at bit6 = 1
-5.5
-4.5
-3.5
dBV
SAP distortion
THDSA
Fm = 1kHz, 100% Mod, SAP
Measure OUT (L), OUT
1.5
3.5
%
SAP S/N ratio
SNSA
S = VOSA, N = 0% Mod,
Measure OUT (L), OUT (R)
With 15kHz LPF, JIS-A
55
65
dB
SAP detection level-1
VINSA1
Measure SAP carrier level,
when SAP det
* Default condition
13
18
23
%
SAP detection level-2
(Reference)
VINSA2
Measure SAP carrier level,
when SAP det
* pin15 to GND (ex 33k
Ω)
(5)
(10)
(15)
%
SAP detection level-3
(Reference)
VINSA3
Measure SAP carrier level,
when SAP det
* pin15 to GND (ex 8.2k
Ω)
(20)
(25)
(30)
%
SAP detection hysteresis
HYSA
Input Mod. Difference at SAP/Except SAP Det.
* at default condition
2
5
10
%
MODE output MONO
MODMO
Input = MONO: f = 1kHz, 0% Mod
Measure pin32
0.7
1
1.3
V
MODE output SAP
MODSA
Input = SAP: Carrier
Measure pin32
1.7
2
2.3
V
MODE output STEREO
MODST
Input = STEREO: Pilot
Measure pin32
2.7
3
3.3
V
MODE output ST + SAP
MODSS
Input = STEREO: Pilot,
SAP: Carrier
Measure pin32
3.5
3.8
4.2
V
Distortion
THDALC
MONO 1kHz Mod 100%
* ALC on Measure OUT (L), OUT (R)
0.3
0.5
%
* Normally measurement condition is Input = SIF mode (-90dBµV), ALC = OFF
* " Reference " Items are reference levels, their specs are no-guarantee.
Package Dimensions
unit : mm
3247B




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl