Selected language     English  Ôľ╝


LA72710V Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part No. LA72710V
Description  Multi Channel Television Sound Decoder
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 8 page
background image
LA72710V
No.A0237-8/10
I
2C Timing Specifications
Parameter
Symbol
min
max
unit
LOW level input voltage
VIL
-0.5
1.5
V
HIGH level input voltage
VIH
3.0
5.5
V
LOW level output current
IOL
3.0
mA
SCL clock frequency
fSCL
0
100
kHz
Set-up time for a repeated START condition
tSU:STA
4.7
┬Ás
Hold time START condition. After this period, the first clock pulse is generated
tHD:STA
4.0
┬Ás
LOW period of the SCL clock
tLOW
4.7
┬Ás
Rise time of both SDA and SDL signals
tR
0
1.0
┬Ás
HIGH period of the SCL clock
tHIGH
4.0
┬Ás
Fall time of both SDA and SDL signals
tF
0
1.0
┬Ás
Data hold time
tHD:DAT
0
┬Ás
Data set-up time
tSU:DAT
250
ns
Set-up time for STOP condition
tSU:STO
4.0
┬Ás
BUS free time between a STOP and START condition
tBUF
4.7
┬Ás
I
2C Control Conditions
Grp-1
(SLAVE ADDRESS 80H)
D8
D7
D6
D5
D4
D3
D2
D1
Condition
0
0
Bilingual
*
0
1
Main
1
0
Sub
1
1
(Prohibit)
*
0
Normal
1
Forced MONO
*
0
Normal (MUTE Off)
1
MUTE
*
0
ALC Off (Through)
1
ALC On
*
0
JUST CLOCK Off
1
JUST CLOCK On
*
0
SIF Mode
1
BASE BAND Mode
*
0
Fix
1
Prohibit (TEST Mode)
*:Initial condition
Read out data
D8
D7
D6
D5
D4
D3
D2
D1
Condition
0
0
0
0
0
0
Fixed
0
Normal
1
Bilingual det
0
Normal
1
Stereo det




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved┬ę Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl