Selected language     English  ▼


LA72710V Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. LA72710V
Description  Multi Channel Television Sound Decoder
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 1 page
background image
83006 / 51106 MS OT B8-7330 No.A0237-1/10
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before usingany SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.
LA72710V
Overview
The LA72710V is a JPN MTS (Multi Channel Television Sound) Decoder.
Features
• With SIF circuit, alignment-free STEREO channel separation.
• Separation is fine-tuned by input level adjustment.
• Included filters are adjustment free.
Functions
• Stereo & Bilingual demodulate.
• Stereo & Bilingual detection.
• JUST CLOCK OUT.
• Built-in ALC.
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
unit
Maximum supply voltage
VCC max
9.6
V
Allowable power dissipation
Pd max
Ta
≤ 70°C
610
mW
Operating temperature
Topr
-10 to +70
°C
Storage temperature
Tstg
-55 to +150
°C
∗ When mounted on a 114.3×76.1×1.6mm3 glass epoxy board.
Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
unit
Recommended operating voltage
VCC
9.0
V
Allowable operating voltage range
VCC op
8.5 to 9.5
V
Ordering number : ENA0237
Monolithic Linear IC
For JPN TV
Multi Channel Television
Sound Decoder




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl