Selected language     English  ā–¼


LA72710V Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part No. LA72710V
Description  Multi Channel Television Sound Decoder
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 6 page
background image
LA72710V
No.A0237-6/10
Continued from preceding page.
Pin No.
Pin Name
Function
DC voltage
AC level
Equivalent Circuit
18
PCREG
Band gap source terminal block.
DC: 1.2V
19
VCC
Power supply terminal.
DC: 9V
20
MODE
Detection output for M.T.S. signal.
BILINGUAL: 3.0V
STEREO:
2.0V
MONO:
1.0V
21
FSCIN
Input terminal for FSC (3.58MHz).
AC: 200mVp-p
22
PLLFIL
Loop filter terminal.
Automatic adjusting for PLL.
23
ST
PHASE COMPARATOR input (STEREO).
This detection pin becomes High (6.6V or
more) when ST signal is input.
24
BIL
PHASE COMPARATOR input (BILINGAL).
This detection pin becomes High (6.6V or
more) when BIL signal is input.




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl